Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP23ABS1 Datasheet(PDF) 11 Page - STMicroelectronics

Part # MP23ABS1
Description  High-performance MEMS audio sensor: single-ended analog bottom-port microphone
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23ABS1 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MP23ABS1 Datasheet HTML 7Page - STMicroelectronics MP23ABS1 Datasheet HTML 8Page - STMicroelectronics MP23ABS1 Datasheet HTML 9Page - STMicroelectronics MP23ABS1 Datasheet HTML 10Page - STMicroelectronics MP23ABS1 Datasheet HTML 11Page - STMicroelectronics MP23ABS1 Datasheet HTML 12Page - STMicroelectronics MP23ABS1 Datasheet HTML 13Page - STMicroelectronics MP23ABS1 Datasheet HTML 14Page - STMicroelectronics MP23ABS1 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DocID031167 Rev 6
11/15
MP23ABS1
Package information
15
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
7.1
RHLGA-5L package information
Figure 5. RHLGA metal cap 5-lead (3.5 x 2.65 x 0.98 mm) package outline and mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com