Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP23ABS1 Datasheet(PDF) 10 Page - STMicroelectronics

Part # MP23ABS1
Description  High-performance MEMS audio sensor: single-ended analog bottom-port microphone
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23ABS1 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MP23ABS1 Datasheet HTML 6Page - STMicroelectronics MP23ABS1 Datasheet HTML 7Page - STMicroelectronics MP23ABS1 Datasheet HTML 8Page - STMicroelectronics MP23ABS1 Datasheet HTML 9Page - STMicroelectronics MP23ABS1 Datasheet HTML 10Page - STMicroelectronics MP23ABS1 Datasheet HTML 11Page - STMicroelectronics MP23ABS1 Datasheet HTML 12Page - STMicroelectronics MP23ABS1 Datasheet HTML 13Page - STMicroelectronics MP23ABS1 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Reliability tests
MP23ABS1
10/15
DocID031167 Rev 6
High Temperature Storage
(HTS)
To investigate the failure
mechanisms activated by high
temperature, the device is
stored in unbiased condition at
the maximum temperature
allowed by the package
materials
Ta = 125 °C, 1000 Hrs
Reference specification JESD22-A104
Temperature Cycling
(TC)
To investigate failure modes
related to thermo-mechanical
stress, the device is submitted to
cycled temperature excursions,
between a hot and a cold
chamber in air atmosphere
Low T = - 40 °C, High T = +125 °C, 1000 Cys
Preconditioning (PC) before
Reference specification JESD22-A105
Temperature Humidity
Storage (THS)
To investigate degradations
induced by wet conditions, the
device is stored at controlled
high temperature and relative
humidity
Ta = 85°C, R.H. = 85%, 1000Hrs
Preconditioning (PC) before
Reference specification JESD22-A102
Random Free-Fall on PCB
(TUMBLE)
To investigate durability to
mechanical repeated drops
without any preferential impact
direction simulating drop effect
on handheld devices
Microphone soldered on PCB which is mounted on
a specific jig
Random drop from 1 mt on steel base, 300 drops
Reference specification IEC 60068-2-32
Guided Free-Fall on PCB
(GFF)
To verify durability of the whole
device to mechanical shocks,
done by controlling height and
impact direction simulating drop
effect on handheld devices
Microphone soldered on PCB which is mounted on
a specific jig
Guided drop from 1.5 mt on marble base,
2 drops x 6 directions
Reference specification IEC 60068-2-32
Compressed Air Test
(CAT)
Test dedicated on the MEMS
Microphone to check
mechanical robustness of
sensor membrane alone
Microphone membrane is subjected to repeated air
pulses controlled on duration, rise and fall time and
amplitude.
Amplitude is varied with increasing steps.
ST internal specification
Mechanical Shock
(MS)
To verify mechanical robustness
of internal structural elements
(MEMS, package components)
to withstand severe shocks
produced by handling,
transportation or field operations
Five pulses of 10,000 g in each of six directions
with duration time 0.2 ms
Reference specification MIL 883, Method 2002.5
Variable Frequency
Vibration
(VB)
The vibration variable frequency
test is performed to determine
the effect of vibration, within a
specified frequency range, on
the internal structural elements
Peak acceleration of 20 g, from 20 Hz to 2000 Hz in
three perpendicular directions
Reference specification MIL 883, Method 2007.3-A
Table 7. Reliability specifications (continued)
Test name
Description
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com