Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJP2 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # CJP2
Description  2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJP2 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button CJP2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 22Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 23Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
18
Auto Switch
Connections and Examples
Basic Wiring
Solid state 3-wire, NPN
2-wire
Solid state 3-wire, PNP
(Solid state)
2-wire
(Reed)
• Sink input specification
3-wire, NPN
• 3-wire
• Source input specification
3-wire, PNP
OR connection for NPN output
2-wire with 2-switch AND connection
2-wire with 2-switch OR connection
2-wire
2-wire
Switch
Input
Black
COM
Brown
Blue
Switch
Input
Blue
COM
Brown
Switch
Input
Black
PLC internal circuit
COM
Brown
Blue
PLC internal circuit
PLC internal circuit
PLC internal circuit
Switch
Input
Blue
COM
Brown
Connect according to the applicable
PLC input specifications, since the
connection method will vary depending
on the PLC input specifications.
(Power supplies for switch and load are separate.)
Example of AND (Serial) and OR (Parallel) Connection
Example of Connection to PLC (Programmable Logic Controller)
AND connection for NPN output
(using relays)
AND connection for NPN output
(performed with switches only)
The indicator lights will illuminate
when both switches are turned ON.
Switch
main
circuit
Brown
Black
Blue
Load
Brown
Black
Blue
Load
Brown
Black
Blue
Load
Brown
Blue
Load
Brown
Blue
Load
Indicator
light
protective
circuit
etc.
Brown
Blue
Load
Brown
Blue
Load
Switch
main
circuit
Switch
main
circuit
Switch
main
circuit
Switch
main
circuit
Indicator
light
protective
circuit
etc.
Switch 1
Switch 2
Load
Brown
Black
Blue
Brown
Black
Blue
Switch 1
Brown
Switch 2
Black
Blue
Relay
Relay
Brown
Black
Blue
Load
Relay
contact
Switch 1
Brown
Switch 2
Black
Blue
Load
Brown
Black
Blue
Power supply
Residual
Load voltage at ON =
voltage
–
voltage
x 2 pcs.
= 24 V - 4 V x 2 pcs.
= 16 V
Example: Power supply is 24 VDC.
Internal voltage drop in switch is 4 V.
Load voltage at OFF = Leakage current x 2 pcs.
x Load impedance
= 1 mA x 2 pcs. x 3 k
Ω
= 6 V
Example: Load impedance is 3 k
Ω.
Leakage current from switch is 1 mA.
Switch 1
Switch 2
Brown
Blue
Brown
Blue
Load
Switch 1
Switch 2
Brown
Blue
Brown
Blue
Load
(Solid state)
(Reed)
When two switches are con-
nected in series, a load may
malfunction
because
the
load voltage will decrease
when in the ON state.
The indicator lights will illumi-
nate if both of the switches
are in the ON state.
When two switches
are connected in para-
llel, a malfunction may
occur
because
the
load voltage will in-
crease when in the
OFF state.
Because there is no cu-
rrent leakage, the load
voltage will not increase
when turned OFF. Ho-
wever, depending on
the number of switches
in the ON state, the indi-
cator lights may someti-
mes dim or not light be-
cause of the dispersion
and reduction of the cu-
rrent flowing to the swit-
ches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com