Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJP2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CJP2
Description  2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJP2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CJP2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
6
Dimensions: Basic Mounting (ø6 to ø16)
Without magnet:
CJP2B6 to 16
Built-in magnet:
CDJP2B6 to 16
6
10
16
Symbol
Bore size
7
10
12
A
9
12
14
A'
14
15
20
B
14
17
19
B1
5.5
7
8
B2
2
2.5
3
C
3
4
6
D
16.5
19
24.5
E
8
8
10
F
6.5
6.5
8.5
F'
5.5
6
6.5
GA
6.5
7
7.5
GB
17
20
24
H
6
7
10
J
M3
M4
M5
MM
M10 x 1.0
M12 x 1.0
M14 x 1.0
NN
M3 x 0.5
M3 x 0.5
M5 x 0.8
P
16
19.5
19.5
S
3
3
4
W
33
39.5
43.5
Z
6
10
16
Symbol
Bore size
7
10
12
A
9
12
14
A'
14
15
20
B
14
17
19
B1
5.5
7
8
B2
2
2.5
3
C
3
4
6
D
16.5
19
24.5
E
8
8
10
F
6.5
6.5
8.5
F'
5.5
6
6.5
GA
6.5
7
7.5
GB
17
20
24
H
6
7
10
J
M3
M4
M5
MM
M10 x 1.0
M12 x 1.0
M14 x 1.0
NN
M3 x 0.5
M3 x 0.5
M5 x 0.8
P
21
24.5
24.5
S
3
3
4
W
38
44.5
48.5
Z
Without rod end thread
Without rod end thread
(mm)
(mm)
30°
A'
B
MM
Mounting nut
Width across flats
B1
Width across flats
B2
Rod end nut
Z + Stroke
2 x
P
S + Stroke
NN
W
AF'
A'
F
GB
GA
H
30°
A'
B
MM
Mounting nut
Width across flats
B1
Width across flats
B2
Rod end nut
Z + Stroke
2 x
P
S + Stroke
NN
W
AF'
A'
F
GB
GA
H
Series
CJP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com