Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CJP2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CJP2
Description  2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CJP2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CJP2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CJP2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
11
Be sure to read this before handling. Consult with SMC for the use other than the specifications.
Mounting
Mounting nut maximum tightening torque and panel
width
q Do not apply more torque than the maximum torque range
when mounting the cylinder or bracket. Also, do not attach a
panel with a thickness beyond the specified range.
Caution
Cylinder
bore size
ø
4
ø
6
ø
10
ø
16
M8 x 1
M10 x 1
M12 x 1
M14 x 1
6.2
12.5
21.0
34.0
Thread
Maximum
tightening
torque (N m)
3
4
4
5
A dimension
maximum value
(mm)
w Do not apply more tightening torque than the below specified
range when attaching a load to the rod end, rod end cap, sin-
gle or double knuckle joint.
A
Panel mounting
Rod end cap (flat type) mounting
Rod end cap (round type) mounting
Single knuckle joint mounting
Double knuckle joint mounting
Rod end load mounting
Panel maximum thickness
Foot mounting
Flange mounting
Panel
Foot bracket
Flange bracket
Applicable bore size
ø
4
ø
6
ø
10
ø
16
M2
M3
M4
M5
0.1
0.3
0.8
1.6
Thread size
Maximum tightening
torque (N m)
Double knuckle joint
Single knuckle joint
Load
Rod end cap (flat type)
Disassembly and Maintenance
Snap ring installation / removal
1. To replace seals or to grease the cylinder during maintenance,
use an appropriate pair of pliers (tool for installing a C-type re-
taining ring for hole).
After re-installing the cylinder, make sure that the snap ring is
placed securely in the groove before supplying air.
2. To remove and install the snap ring for the knuckle pin or the
trunnion pin, use an appropriate pair of pliers (tool for installing
a C-type retaining ring for hole). In particular, use a pair of ul-
tra-mini pliers, for removing and installing the snap rings on
the ø6 cylinder.
Do not disassemble the CJP4 cylinder. Do not loosen or remo-
ve the head cover.
Caution
Rod end cap (round type)
Specific Product Precautions
Pin Cylinder: Double Acting, Single Rod
Series
CJP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com