Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISOUSB211DPR Datasheet(PDF) 32 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISOUSB211DPR Datasheet HTML 28Page - Texas Instruments ISOUSB211DPR Datasheet HTML 29Page - Texas Instruments ISOUSB211DPR Datasheet HTML 30Page - Texas Instruments ISOUSB211DPR Datasheet HTML 31Page - Texas Instruments ISOUSB211DPR Datasheet HTML 32Page - Texas Instruments ISOUSB211DPR Datasheet HTML 33Page - Texas Instruments ISOUSB211DPR Datasheet HTML 34Page - Texas Instruments ISOUSB211DPR Datasheet HTML 35Page - Texas Instruments ISOUSB211DPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
This configuation offers the lowest power dissipation and the highest ambient temperature operation using
external regulators.
Peripheral
MCU
DGND
0 V
Digital
Ground
ISO
Ground
Galvanic
Isolation Barrier
ISOUSB211
3.3 VLV (local supply)
Upstream
Port
Connector
DM
DP
VCC
VBUS
GND
D-
D+
100 nF
0.1 µF
5 µF
1 µF
0.1 µF
3.3 VLV
3.3 VLV
VBUS (5.0 V)
LDO/
DC-DC
1.8 V
2
4
3
5
6
7
8
9
V3P3V1
VBUS1
VCC1
UD-
UD+
GND1
10
EQ10
NC
GND1
EQ11
V2OK
V1P8V1
CDPENZ1
11
12
13
14
28
27
V3P3V2
VBUS2
VCC2
DD-
DD+
GND2
V1P8V2
EQ20
NC
GND2
EQ21
V1OK
V1P8V2
20
18
17
16
15
1
V1P8V1
26
25
24
23
22
21
19
CDPENZ2
3.3 V
3.3 V
LDO/
DC-DC
1.8 VLV
10 nF
0.1 µF
2 µF
10 nF 0.1 µF
2 µF
10 nF 0.1 µF 2 µF
10 nF
0.1 µF
2 µF
Ferrite
Bead
Figure 10-7. Using ISOUSB211 with 1.8-V supplied with External Regulators
10.3.5 Example Configuration 3
In the application example shown in Figure 10-8, ISOUSB211 is powered using USB VBUS on the connector
side, and a local 3.3-V digital supply on the microcontroller side to generate V3P3Vx. The internal LDOs are used
to generate V1P8Vx on both sides like in Example Configuration 1. However, the VCC1 and VCC2 are connected to
VBUS and 3.3 VLV, not directly like in Example Configuration 1, but through resistors R1 (20 Ω, 250 mW) and
R2 (5 Ω, 50 mW) respectively.
The external resistors drop voltage, and dissipate power, helping reduce the power dissipation within
ISOUSB211, and the corresponding temperature rise. The resistor values are decided keeping in mind that
the VCCx voltage can be as low as 2.4 V. Additional 1-μF capacitors are needed on VCCx pins.
In this scenario, the total power consumption inside the IC from both sides taken together is:
VBUS1 × IVBUS1 + VBUS1 × IVCC1 - 20 Ω × IVCC1× IVCC1+ V3P3V2 × I3P3V2 + V3P3V2 × IVCC2- 5 Ω × IVCC2× IVCC2
Assuming 5.25 V as the maximum value of VBUS, and 3.5 V as the maximum value of the 3.3-V local supply,
the internal power dissipation is calculated as
5.25 V×13.5 mA + 5.25 V×96 mA - 20 Ω×96 mA×96 mA + 3.5 V×13.5 mA+3.5 V×96 mA - 5 Ω×96 mA×96 mA =
728 mW.
Since the junction-to-air thermal resistance is 44.2°C/W, this power dissipation results in a 33°C internal
temperature rise. Ambient temperature up to 117°C can be supported for this configuration.
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com