Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISOUSB211DPR Datasheet(PDF) 39 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button ISOUSB211DPR Datasheet HTML 35Page - Texas Instruments ISOUSB211DPR Datasheet HTML 36Page - Texas Instruments ISOUSB211DPR Datasheet HTML 37Page - Texas Instruments ISOUSB211DPR Datasheet HTML 38Page - Texas Instruments ISOUSB211DPR Datasheet HTML 39Page - Texas Instruments ISOUSB211DPR Datasheet HTML 40Page - Texas Instruments ISOUSB211DPR Datasheet HTML 41Page - Texas Instruments ISOUSB211DPR Datasheet HTML 42Page - Texas Instruments ISOUSB211DPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(R0.05) TYP
28X (2)
28X (0.45)
26X (0.65)
(9.3)
4225976/C 06/2021
SSOP - 2.65 mm max height
DP0028A
SHRINK SMALL-OUTLINE PACKAGE
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
8. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:7X
SYMM
SYMM
1
14
15
28
www.ti.com
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com