Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISOUSB211DPR Datasheet(PDF) 12 Page - Texas Instruments

Part # ISOUSB211DPR
Description  ISOUSB211 High/Full/Low Speed Isolated USB Repeater
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOUSB211DPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISOUSB211DPR Datasheet HTML 8Page - Texas Instruments ISOUSB211DPR Datasheet HTML 9Page - Texas Instruments ISOUSB211DPR Datasheet HTML 10Page - Texas Instruments ISOUSB211DPR Datasheet HTML 11Page - Texas Instruments ISOUSB211DPR Datasheet HTML 12Page - Texas Instruments ISOUSB211DPR Datasheet HTML 13Page - Texas Instruments ISOUSB211DPR Datasheet HTML 14Page - Texas Instruments ISOUSB211DPR Datasheet HTML 15Page - Texas Instruments ISOUSB211DPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Over recommended operating conditions (unless otherwise noted). All typical values are at TA = 25°C, VBUSx = 5 V, V3P3Vx =
3.3 V, V1P8Vx = 1.8 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
EQUALIZATION AND PRE-EMPHASIS
EQHS
High-speed RX Equalization
EQ1=low, EQ0=low, 240MHz
-0.24
0.46
0.75
dB
EQHS
High-speed RX Equalization
EQ1=low, EQ0=float, 240MHz
0.27
0.98
1.5
dB
EQHS
High-speed RX Equalization
EQ1=low, EQ0=high, 240MHz
0.70
1.50
2.2
dB
EQHS
High-speed RX Equalization
EQ1=float, EQ0=low, 240MHz
1.04
2.00
2.81
dB
EQHS
High-speed RX Equalization
EQ1=float, EQ0=float, 240MHz
1.45
2.68
3.8
dB
EQHS
High-speed RX Equalization
EQ1=float, EQ0=high, 240MHz
1.73
3.09
4.4
dB
EQHS
High-speed RX Equalization
EQ1=high, EQ0=low, 240MHz
2.00
3.46
4.7
dB
EQHS
High-speed RX Equalization
EQ1=high, EQ0=float, 240MHz
2.25
3.80
5.1
dB
EQHS
High-speed RX Equalization
EQ1=high, EQ0=high, 240MHz
2.25
3.80
5.1
dB
PEHS
High-speed TX Pre-emphasis
EQ1=low, EQ0=low, 240MHz
0.25
0.48
0.75
dB
PEHS
High-speed TX Pre-emphasis
EQ1=low, EQ0=float, 240MHz
0.62
0.9
1.2
dB
PEHS
High-speed TX Pre-emphasis
EQ1=low, EQ0=high, 240MHz
0.89
1.36
1.5
dB
PEHS
High-speed TX Pre-emphasis
EQ1=float, EQ0=low, 240MHz
1.4
1.7
2.0
dB
PEHS
High-speed TX Pre-emphasis
EQ1=float, EQ0=float, 240MHz
1.7
2.1
2.5
dB
PEHS
High-speed TX Pre-emphasis
EQ1=float, EQ0=high, 240MHz
2.1
2.5
2.9
dB
PEHS
High-speed TX Pre-emphasis
EQ1=high, EQ0=low, 240MHz
2.7
3.2
3.7
dB
PEHS
High-speed TX Pre-emphasis
EQ1=high, EQ0=float, 240MHz
3.4
4.0
4.6
dB
PEHS
High-speed TX Pre-emphasis
EQ1=high, EQ0=high, 240MHz
3.4
4.0
4.6
dB
CDP
VDM_SRC
VDM_SRC Voltage
Load Current in the range of 0 to 250
uA
0.5
0.7
V
IDP_SINK
IDP_SINK (D+)
D+ Voltage = 0 V to 0.7 V
25
175
μA
VDAT_REF+
VDAT_REF comparator rising threshold
300
400
mV
VDAT_REF-
VDAT_REF comparator falling threshold
275
385
mV
THERMAL SHUTDOWN
TSD+
Thermal shutdown turn-on temperature
160
170
180
°C
TSD-
Thermal shutdown turn-off temperature
150
160
170
°C
TSDHYS
Thermal shutdown hysteresis
10
°C
(1)
If VBUSx pins are externally connected to the corresponding V3P3Vx pins, then UVLO thresholds on VBUSx are governed by UV+
(V3P3Vx) , UV-(V3P3Vx) and UVHYS(V3P3Vx)
(2)
If VCCx pins are externally connected to the corresponding V1P8Vx pins, then UVLO thresholds on VCCx are governed by UV+(V1P8Vx) ,
UV-(V1P8Vx) and UVHYS(V1P8Vx)
ISOUSB211
SLLSFC5B – NOVEMBER 2021 – REVISED SEPTEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ISOUSB211



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com