Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908 Datasheet(PDF) 105 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 101Page - STMicroelectronics L9908 Datasheet HTML 102Page - STMicroelectronics L9908 Datasheet HTML 103Page - STMicroelectronics L9908 Datasheet HTML 104Page - STMicroelectronics L9908 Datasheet HTML 105Page - STMicroelectronics L9908 Datasheet HTML 106Page - STMicroelectronics L9908 Datasheet HTML 107Page - STMicroelectronics L9908 Datasheet HTML 108Page - STMicroelectronics L9908 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 153 page
background image
5.20.1
Protocol description
L9908 implement a SPI-slave interface based on a 32-bit protocol.
This slave interface then always requires a SPI-master device (ex. uC) which is responsible to generate the
selection and the synchronization signals (NCS, SCLK) necessary to the data transmission.
The interface supports star mode connections along with other SPI-slave devices while it does not support
daisy-chain mode connections (input data aren`t transmitted directly to output port).
Figure 80. SPI connection modes "a" star connection (supported) "b" daisy-chain connection (not
supported)
The data exchange has an out-of-frame structure: each MISO output frame is related to the previously transmitted
MOSI frame.
SPI-master can directly verify if the previous frame has been received and processed correctly.
NCS pin (chip select) is used by the SPI-master to enable/disable the data communication. Communication starts
with the NCS falling edge while is stopped with the NCS rising edge. As long as NCS is high any transition at the
SCLK and SDI pins (including glitches) is ignored and SDO is forced into a high impedance state.
SCLK pin (Synchronous Serial Clock) is used by the SPI-master to synchronize the data communication. Each
correct communication shall contain 32 SCLK pulses.
At each SCLK rising edge SDI and SDO data are updated respectively by SPI-master and L9908 (shift), at each
SCLK falling edge SDI and SDO data are sampled respectively by L9908 and SPI-master (capture). SCLK has to
be low during NCS transition.
SDI pin (Serial Data Input) is used by the SPI-master to deliver the 32-bit input frame to L9908. In MOSI
communication the first bit expected is MSB while the last is LSB.
SDO pin (Serial Data Output) is used by L9908 to transmit the 32-bit data output. In MISO communication the first
bit transmitted is MSB while the last is LSB.
Figure 81. SPI timing diagram
Table 102. SPI timing characteristics
Symbol
Parameter
Test Condition
Min Typ Max Unit
SPI_fclk
Transfer Frequency
50% duty cycle(1)
-
10 10.2 MHz
L9908
Serial Peripheral Interface (SPI)
DS13546 - Rev 3
page 105/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com