Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908 Datasheet(PDF) 107 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 103Page - STMicroelectronics L9908 Datasheet HTML 104Page - STMicroelectronics L9908 Datasheet HTML 105Page - STMicroelectronics L9908 Datasheet HTML 106Page - STMicroelectronics L9908 Datasheet HTML 107Page - STMicroelectronics L9908 Datasheet HTML 108Page - STMicroelectronics L9908 Datasheet HTML 109Page - STMicroelectronics L9908 Datasheet HTML 110Page - STMicroelectronics L9908 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 153 page
background image
5.20.2
Frame description
The 32-bit SPI frames content is divided as follows:
Table 103. MOSI - SPI frame description
Bit
31
30-23
22
21
20-5
4-0
MOSI
R/W
ADDRESS
RSV/TM
FC
DATA WRITE
CRC
MOSI Stream:
[31] R/W Flag. Selects if the current operation is a read (0) operation or write (1) operation.
[30-23] SPI register address
[22] Test Mode Flag
[21] Frame Counter
[20-5] Data Write
[4-0] CRC checksum generated by SPI-master
Table 104. MISO - SPI frame description
Bit
31
30-29
28-21
20-5
4-0
MISO
SPI ERR
IC ERR
ADDRESS FB
DATA READ
CRC
MISO Stream:
[31] SPI Error Flag. Provide information related to the previous stream.
[30-29] IC Error Flag. Provide information related to IC high level error.
[28-21] SPI register address feedback. Last received valid frame address feedback.
[20-5] Data Read. Data contents of SPI register addressed by last received valid frame.
[4-0] CRC checksum generated by SPI-slave
5.20.2.1
Write-Read operations
1st Frame: Write Access to R/W Register X
As the NCS rising edge is detected, if it is valid, the command is processed and the R/W register X is updated
with data Y. After the register X is updated correctly the output buffer is updated as well.
2nd Frame: Read Access
As the NCS falling edge is detected, the register X with data Y is started being shifted out on MISO bus. The
X register data remains unchanged as R/W bit is zero, the following MISO frame will be updated with the same
data.
The first SPI frame after an internal reset (i.e. INT_RST) will have a fixed content:
•
IC_ERR and SPI_ERR flag all 0
•
Address Feedback all = 0
•
Data all = 0
L9908
Serial Peripheral Interface (SPI)
DS13546 - Rev 3
page 107/153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com