Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089G Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA8089G
Description  GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089G Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA8089G Datasheet HTML 16Page - STMicroelectronics STA8089G Datasheet HTML 17Page - STMicroelectronics STA8089G Datasheet HTML 18Page - STMicroelectronics STA8089G Datasheet HTML 19Page - STMicroelectronics STA8089G Datasheet HTML 20Page - STMicroelectronics STA8089G Datasheet HTML 21Page - STMicroelectronics STA8089G Datasheet HTML 22Page - STMicroelectronics STA8089G Datasheet HTML 23Page - STMicroelectronics STA8089G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Electrical characteristics
STA8089G
20/31
DS12183 Rev 2
4.6
Recommended DC operating conditions
Table 12 lists the functional recommended operating DC parameters for STA8089G.
PMVR(1)
Switchable area power;
(total VINL1)
fARM = 196 MHz;
fAHB =49MHz;
Tamb =25 °C;
VINL1 =1.8 V; UART
active; other peripherals
inactive
—90
—
mW
PLPVR(1)
Always ON area power
(total VINB)
fARM = 196 MHz;
fAHB =49MHz;
Tamb =25 °C; VINB =3.3 V
—1
—
mW
PIO(1)
IO rings power (total
VDDIO_R1 + VDDIO_R2)
fARM = 196 MHz;
fAHB =49MHz;
Tamb =25 °C;
VINL1 =1.8 V; UART
active; other peripherals
inactive
—4
—
mW
IDStandby
Standby mode supply
current
RTC
running = 32.768 KHz;
Tamb =25 °C; VINB =1.8 V
—29
—
µA
IDDeepStandby
Deep standby mode
supply current(2)
—7
—
µA
1. Not tested in production.
2. STDBY_OUT pin not supported in deep standby.
Table 11. Power consumption (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
Table 12. Recommended DC operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC_CHAIN Analog supply voltage for RF chain (1.2 V)
1.08
1.20
1.32
V
VCC_PLL
Analog supply voltage for PLL RF (1.2 V)
1.08
1.20
1.32
V
VCC_RF
Analog supply voltage for RF (1.2 V)
1.08
1.20
1.32
V
VDDD
Power supply pins for the core logic.
1.0
1.1
1.32
V
VDDIO_R1
Digital supply voltage for I/O ring 1 (1.8 V)
1.71
1.80
1.89
V
Digital supply voltage for I/O ring 1 (3.3 V)
3.00
3.30
3.60
V
VDDIO_R2
Digital supply voltage for I/O ring 2 (3.3 V)
3.00
3.30
3.60
V
VINB
Backup LDO input supply voltage (1.6 V to 4.3 V)
1.60
4.30
V
VINL1
LDO1 input supply voltage
1.71
1.89
V
VINL2
LDO2 input supply voltage to generate 1.2 V
1.60
4.30
V
TC
Operating case temperature
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com