Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089G Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA8089G
Description  GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089G Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA8089G Datasheet HTML 21Page - STMicroelectronics STA8089G Datasheet HTML 22Page - STMicroelectronics STA8089G Datasheet HTML 23Page - STMicroelectronics STA8089G Datasheet HTML 24Page - STMicroelectronics STA8089G Datasheet HTML 25Page - STMicroelectronics STA8089G Datasheet HTML 26Page - STMicroelectronics STA8089G Datasheet HTML 27Page - STMicroelectronics STA8089G Datasheet HTML 28Page - STMicroelectronics STA8089G Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
DS12183 Rev 2
25/31
STA8089G
Electrical characteristics
30
Figure 3. 32.768 kHz crystal connection
To drive the 32.768 kHz crystal pins from an external clock source:
Disable the oscillator (bit28-OSCI_EN = 0b in PRCC_BACKUP_REG0 register). This
disables the internal inverter, thus reducing the power consumption to minimum.
Drive the RTC_XTI pin with a square signal or a sine wave.
4.8.3
OSCI oscillator specifications
Default supported values are 16.368 MHz, 24 MHz, 26 MHz and 48 MHz.
To enable USB peripheral the 48 MHz is mandatory
4.8.4
ADC specifications
This section gives the AC specification of the 10 bit Successive Approximation Register
ADC embedded in STA8089G device. It is controlled by the ARM9 MCU through a wrapper
and an APB bridge as depicted in Figure 4 and it has a maximum conversion rate of 1MSPS
with 8 muxed analog input channels capability. An internal voltage reference is used and
analog/digital power supplies connections are implemented inside the device without any
needs of dedicated external pins.
Table 23. Characteristics of external slow clock input
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJIT (cc)
Cycle-to-cycle jitter
-70
—
70
ps
TJIT (per)
Period jitter
-70
—
70
ps
Variation
-500
—
500
ppm
TDUTY
Duty cycle
45
—
55
%
CL = 18 pF
CL = 18 pF
32.768 kHz
Crystal
RTC_XTII
RCT_XTO
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com