Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089G Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA8089G
Description  GPS/Galileo/GLONASS/BeiDou/QZSS receiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089G Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA8089G Datasheet HTML 22Page - STMicroelectronics STA8089G Datasheet HTML 23Page - STMicroelectronics STA8089G Datasheet HTML 24Page - STMicroelectronics STA8089G Datasheet HTML 25Page - STMicroelectronics STA8089G Datasheet HTML 26Page - STMicroelectronics STA8089G Datasheet HTML 27Page - STMicroelectronics STA8089G Datasheet HTML 28Page - STMicroelectronics STA8089G Datasheet HTML 29Page - STMicroelectronics STA8089G Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Electrical characteristics
STA8089G
26/31
DS12183 Rev 2
Figure 4. SARADC connections
REFP
REFN
AIN0
AIN1
AIN7
VREF
D[9:0]
SARADC
ADC WRAPPER
VINL1
VDD12_MVR
APB
Bridge2
ADC_IN1
ADC_IN2
ADC_IN8
GND
Table 24. SARADC specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
VADCIN ADC_IN input range
VGND-0.3
—
VDD_ADC+0.3
V
VADCCR Conversion range
VGND
—VREF
V
VREF
Voltage reference
1.35
1.4
1.45
V
CIN
Input capacitance(1)
1. Not tested in production.
5.5
7.0
8.5
pF
RIN
Input mux resistance (total equivalent
sampling resistance)(2)
2. Pad input capacitance included.
1.5
2.0
2.5
k
FCLK
Clock frequency
2.5
15
MHz
CLK
Clock duty cycle
45
50
55
%
TSUP
Start up time(1)(3)
3. From EN = 1.
——
20
µs
TC
Conversion time
—
14
—
cycles
TS
Sampling time
—
3
cycles
INL
Performance
——
< ±2
LSB
DNL
—
—
< ±2
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com