Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8100GA Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 12Page - STMicroelectronics STA8100GA Datasheet HTML 13Page - STMicroelectronics STA8100GA Datasheet HTML 14Page - STMicroelectronics STA8100GA Datasheet HTML 15Page - STMicroelectronics STA8100GA Datasheet HTML 16Page - STMicroelectronics STA8100GA Datasheet HTML 17Page - STMicroelectronics STA8100GA Datasheet HTML 18Page - STMicroelectronics STA8100GA Datasheet HTML 19Page - STMicroelectronics STA8100GA Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
General description
STA8100GA
16/42
DS13006 Rev 4
3.11
GPIO
There are 34 GPIOs in this device.
The GPIO block provides programmable inputs or outputs. Each input or output can be
controlled in two modes:
Software mode through an APB bus interface
Alternate function mode, where GPIO becomes a peripheral input or output line
Any GPIO input can be independently enabled or disabled (masked) for interrupt
generation. User can select for each GPIO which edge (rising, falling, both) will trigger an
interrupt.
A de-bouncing logic can be enabled for each GPIO to filter glitches on IOs before going to
the Interrupt generation and CPU read value.
All GPIOs are fail safe to avoid leakage consumption in any condition even when the ring is
off and the external line is logic level high.
3.12
Multi Timer Unit (MTU)
Multi Timer Unit consists of eight timers. Each timer is clocked by MXTAL frequency divided
by 8 (which means 2.4 MHz with a 19.2 MHz crystal) or REFCLK (32.768 kHz) inputs.
3.12.1
MTU feature overview
The Multi Timer Unit provides access to four interrupt generating programmable 32-bit
Free-Running decrementing Counters (FRCs) allowing up to four counts to be
performed in parallel.
The FRCs have their own clock input, allowing the counters to run from a much slower
clock than the system clock.
In each FRC the 32-bit counter is split up into two 16-bit counters.
3.13
RTC
This is an always-on power domain dedicated to RTC logic (backup system) with 256 bytes
SRAM and supplied with a dedicated voltage regulator.
The RTC provides a high resolution clock which can be used for GPS. It keeps the time
when the system is inactive and can be used to wake the system up when a programmed
alarm time is reached. It has a clock trimming feature to compensate for the accuracy of the
32.768 kHz crystal and a secured time update.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com