Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8100GA Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 26Page - STMicroelectronics STA8100GA Datasheet HTML 27Page - STMicroelectronics STA8100GA Datasheet HTML 28Page - STMicroelectronics STA8100GA Datasheet HTML 29Page - STMicroelectronics STA8100GA Datasheet HTML 30Page - STMicroelectronics STA8100GA Datasheet HTML 31Page - STMicroelectronics STA8100GA Datasheet HTML 32Page - STMicroelectronics STA8100GA Datasheet HTML 33Page - STMicroelectronics STA8100GA Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Electrical specifications
STA8100GA
30/42
DS13006 Rev 4
4.6
Digital interface AC timing characteristics (specified by
design)
Figure 7. Clock block diagram
4.6.1
SQIO
Table 25. Power up timing data
Symbol
Condition
Min.
Max.
Unit
Comment
tVCORE_IN_On
VBK_IN>1.7 V
0
ms
Simultaneous power on of VBKIN and
VCORE_IN/VDD_EXT_REG
tVSupply_On
VBK_IN>1.7 V
0
ms
Simultaneous power on of VBKIN and
other supplies is allowed
tRESETn
VBK_IN>1.7 V
4
ms
tRiOscRESETn
VCORE_IN>1.7 V
or
VDD_EXT_REG>1.15 V
0.5
ms
tRiOscVCOREIN_On
RESETn = high
0.5
ms
Table 26. Clock data
Symbol
Comment
CLK period
Clock time period
tOdly
Output data delay from rising clock edge, unless differently specified
tIS
Input data setup time to rising clock edge, unless differently specified
tIH
Input data hold time from rising clock edge, unless differently specified
Table 27. SQIO SDR mode (feedback mode)
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
78.5
MHz
25 pF
CLK period
12.74
ns
CLK duty cycle
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com