Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8100GA Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA8100GA
Description  Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8100GA Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA8100GA Datasheet HTML 13Page - STMicroelectronics STA8100GA Datasheet HTML 14Page - STMicroelectronics STA8100GA Datasheet HTML 15Page - STMicroelectronics STA8100GA Datasheet HTML 16Page - STMicroelectronics STA8100GA Datasheet HTML 17Page - STMicroelectronics STA8100GA Datasheet HTML 18Page - STMicroelectronics STA8100GA Datasheet HTML 19Page - STMicroelectronics STA8100GA Datasheet HTML 20Page - STMicroelectronics STA8100GA Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
DS13006 Rev 4
17/42
STA8100GA
General description
33
RTC features:
47-bit counter clocked by 32.768 kHz clock
32-bit for the integer part (seconds) and 15-bit for the fractional part
The integer part and the fractional part are readable independently
The counter, once enabled, can be stopped
Integer part load register (32-bit)
Fractional part load register (15-bit)
Load bit to transfer the content of the entire load register (integer + fractional part) to
the 47-bit counter
Once set by the MCU, this bit is cleared by the hardware to signal to the MCU that the RTC
has been updated.
3.14
MSP
STA8100GA has one Multi mode Serial Port (MSP).
The following section describes the functionalities of the MSP unit.
The Multi mode Serial Port (MSP) is a synchronous transmitter serial interface.
The MSP provides:
Element (data) sizes of 8, 10, 12, 14, 16, 20, 24, and 32 bits, LSB or MSB first
Programmable frequency shift clock for data transfer
Direct interface to SPI compliant devices
Transmit first-in, first-out memory buffers (FIFOs), 32 bits wide, 8 locations deep
3.15
Direct Memory Access (DMA)
The DMAC is an Advanced Microcontroller Bus Architecture (AMBA) compliant System-on-
Chip (SoC) peripheral. The DMAC is an AMBA AHB module, and connects to the Advanced
High-performance Bus (AHB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com