Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP1827 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 35Page - Texas Instruments TMP1827 Datasheet HTML 36Page - Texas Instruments TMP1827 Datasheet HTML 37Page - Texas Instruments TMP1827 Datasheet HTML 38Page - Texas Instruments TMP1827 Datasheet HTML 39Page - Texas Instruments TMP1827 Datasheet HTML 40Page - Texas Instruments TMP1827 Datasheet HTML 41Page - Texas Instruments TMP1827 Datasheet HTML 42Page - Texas Instruments TMP1827 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
8.5 Programming
The TMP1827 has multiple methods in which an application can access the device functions for temperature
conversion and EEPROM programming. When accessing multiple device the MATCHADDR command along
with the 64-bit device address must be used. If the short address has been programmed uniquely, then the host
may use the FLEXADDR command along with the 8-bit short address must be used.
The sections below describe the sequences that must be followed to access the device functions properly.
8.5.1 Single Device Temperature Conversion and Read
Figure 8-25 shows the program flow that the host MCU must execute for temperature conversion and
subsequent read of the temperature result. As the temperature results are the first two bytes of the register
scratchpad, the host may optionally stop the read after the device transmits the first two bytes by performing a
bus reset.
RST
ATR
SKIPADDR
CONVERTTEMP
CCh
44h
WAIT t
DELAY + tCONV
RST
ATR
SKIPADDR
READ SP-1
CCh
BEh
8 BYTES DEVICE
DATA
CRC
Figure 8-25. Single Device Temperature Conversion and Read Programming Flow
8.5.2 Multiple Device Temperature Conversion and Read
Figure 8-26 shows the program flow that the host MCU must execute for temperature conversion and
subsequent read of the temperature result for multiple devices. The host must use the MATCHADDR command
or the FLEXADDR command to address each device on the bus, because the devices do not arbitrate on a
read function.
RST
ATR
SKIPADDR
CONVERTTEMP
CCh
44h
WAIT t
DELAY + tCONV
RST
ATR
MATCHADDR
READ SP-1
55h
BEh
8 BYTES DEVICE
DATA
CRC
8-BYTE ADDRESS
DEVICE-1
RST
ATR
MATCHADDR
READ SP-1
55h
BEh
8 BYTES DEVICE
DATA
CRC
8-BYTE ADDRESS
DEVICE-N
Figure 8-26. Multiple Device Temperature Conversion and Read Programming Flow
8.5.3 Register Scratchpad Update and Commit
Figure 8-27 shows the sequence the host must execute to update the register scratchpad and commit to the
configuration EEPROM. The host must read the scratchpad to ensure it can perform the correct read modify
write to the register locations, before it commits the same to the configuration EEPROM.
If the host has only one device, or if the application can guarantee no bus corruption, then it may use SKIPADDR
command to globally update and commit the register scratchpad region. However once committed and locked, it
is not possible for the host to update the locations anymore, and hence TI strongly advises that the host still read
the locations before running the commit operation.
www.ti.com
TMP1827
SBOSA15 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com