Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP1827 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP1827 Datasheet HTML 20Page - Texas Instruments TMP1827 Datasheet HTML 21Page - Texas Instruments TMP1827 Datasheet HTML 22Page - Texas Instruments TMP1827 Datasheet HTML 23Page - Texas Instruments TMP1827 Datasheet HTML 24Page - Texas Instruments TMP1827 Datasheet HTML 25Page - Texas Instruments TMP1827 Datasheet HTML 26Page - Texas Instruments TMP1827 Datasheet HTML 27Page - Texas Instruments TMP1827 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
8.4 Device Functional Modes
The TMP1827 device features flexible temperature conversion modes along with robust user EEPROM
architecture, which is described in the sections below.
8.4.1 Conversion Modes
The TMP1827 supports both one-shot and continuous conversion modes. There are different methods for
one-shot conversion modes, that may be used based on single device or multiple device bus network. The
continuous conversion mode is only supported in VDD powered mode. Each of the conversion modes are with
single temperature sample, but the host can enable 8 samples averages in the device for improved accuracy.
8.4.1.1 Basic One-Shot Conversion Mode
The basic one-shot conversion mode is the default conversion mode. The device goes through a bus reset,
address and function phase to initiate the temperature conversion. During the communication, the device is in
shutdown mode. When the conversion request is registered by the device, the device starts active conversion
and then goes back to low power shutdown mode as shown in Figure 8-12. If the device is in continuous
conversion mode, then the one-shot conversion mode request is ignored.
Reset
Answer to
Reset
SKIPADDR
CONVERT
TEMP
Start of Conversion
Ac ve conversion me (tACT)
Shutdown
Shutdown
Temperature
Conversion
Bus
Communica on
Command startup delay (tDELAY)
Averaging
Enabled
Figure 8-12. One-Shot Conversion Mode
As shown in Figure 8-13, there is no change in how one-shot conversion is performed when there are multiple
devices on the bus. However, as there are multiple devices, the combined current drain in bus powered mode
of operation may cause the bus voltage to drop. In such use cases, it is required that the host implement a
low impedance current path using a FET/transistor switch. This path is switched on so as to meet the current
requirement of the bus during an active conversion and after the active conversion duration is complete, it is
switched off for bus communication.
Command startup delay (tDELAY)
Reset
Answer to
Reset
SKIPADDR
CONVERT
TEMP
Start of Conversion
Ac ve conversion me (tACT)
Shutdown
Shutdown
Temperature
Conversion Sequence
Bus Communica on
TMP18xx
Device 0
TMP18xx
Device 1
TMP18xx
Device 2
Figure 8-13. Multiple Device One-Shot Conversion Mode
TMP1827
SBOSA15 – SEPTEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com