Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP1827 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP1827
Description  TMP1827 Single-Wire, ±0.3°C Accurate Temperature Sensor With SHA-256-HMAC Authentication Engine, 2-kbit EEPROM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP1827 Datasheet(HTML) 2 Page - Texas Instruments

  TMP1827 Datasheet HTML 1Page - Texas Instruments TMP1827 Datasheet HTML 2Page - Texas Instruments TMP1827 Datasheet HTML 3Page - Texas Instruments TMP1827 Datasheet HTML 4Page - Texas Instruments TMP1827 Datasheet HTML 5Page - Texas Instruments TMP1827 Datasheet HTML 6Page - Texas Instruments TMP1827 Datasheet HTML 7Page - Texas Instruments TMP1827 Datasheet HTML 8Page - Texas Instruments TMP1827 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Description (cont.)...........................................................3
6 Pin Configuration and Functions...................................4
7 Specifications.................................................................. 4
7.1 Absolute Maximum Ratings........................................ 4
7.2 ESD Ratings............................................................... 4
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information....................................................5
7.5 Electrical Characteristics.............................................5
7.6 1-Wire Interface Timing...............................................7
7.7 Security Engine Characteristics.................................. 7
7.8 EEPROM Characteristics............................................7
7.9 Timing Diagrams.........................................................8
7.10 Typical Characteristics............................................ 10
8 Detailed Description......................................................13
8.1 Overview................................................................... 13
8.2 Functional Block Diagram......................................... 13
8.3 Feature Description...................................................13
8.4 Device Functional Modes..........................................24
8.5 Programming............................................................ 39
8.6 Register Maps...........................................................43
9 Application and Implementation.................................. 55
9.1 Application Information............................................. 55
9.2 Typical Applications.................................................. 55
9.3 Power Supply Recommendations.............................58
9.4 Layout....................................................................... 58
10 Device and Documentation Support..........................59
10.1 Documentation Support.......................................... 59
10.2 Receiving Notification of Documentation Updates..59
10.3 Support Resources................................................. 59
10.4 Trademarks.............................................................59
10.5 Electrostatic Discharge Caution..............................59
10.6 Glossary..................................................................59
11 Mechanical, Packaging, and Orderable
Information.................................................................... 59
11.1 Package Option Addendum.................................... 63
11.2 Tape and Reel Information...................................... 64
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
September 2022
*
Initial Release
TMP1827
SBOSA15 – SEPTEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMP1827



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com