Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFDA801A Datasheet(PDF) 7 Page - STMicroelectronics

Part # HFDA801A
Description  4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality, advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HFDA801A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HFDA801A Datasheet HTML 3Page - STMicroelectronics HFDA801A Datasheet HTML 4Page - STMicroelectronics HFDA801A Datasheet HTML 5Page - STMicroelectronics HFDA801A Datasheet HTML 6Page - STMicroelectronics HFDA801A Datasheet HTML 7Page - STMicroelectronics HFDA801A Datasheet HTML 8Page - STMicroelectronics HFDA801A Datasheet HTML 9Page - STMicroelectronics HFDA801A Datasheet HTML 10Page - STMicroelectronics HFDA801A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
2
Electrical specifications
2.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
[VCC(x)+, VCC(x)-, AVDD, DVDD]
DC supply voltage
-0.3 to 32
V
Transient supply voltage for t = 100 ms(1)
-0.3 to 40
V
GNDmax
[GND(x)+, GND(x)-, AGND, DGND, SRGND, LSGND]
Ground pin voltage difference
-0.3 to 0.3
V
FB(x)+, FB(x)-
Feedback pin
-0.3 to 32
V
OUT(x)+, OUT(x)-
Output pin
-0.3 to 32
V
L1
Internal Regulator pin
-0.3 to 32
V
L2
Internal Regulator pin
-0.3 to 40
V
I2Cdata, I2Cclk
I2C bus pins voltage
-0.3 to 5.5
V
I2Sdata1, I2Sdata2, I2Sclk, I2SWS
I2S bus pins voltage
-0.3 to 5.5
V
Enable
Enable pin voltage
-0.3 to 5.5
V
CD/Diag
CD/DIAG pin
-0.3 to 5.5
V
HWMute
Hardware Mute
-0.3 to 5.5
V
Tamb
Ambient operating temperature
-40 to 105
°C
Tstg,Tj
Storage and junction temperature
-55 to 150
°C
ESDHBM
ESD protection HBM(2)
2000
V
ESDCDM
ESD protection CDM(2)
500
V
1. Ramp time Tr = 2 ms
2. Definition according to the international standard
2.2
Thermal data
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthjc
Rth junction to case(1)
1.26
°C/W
1. Top Cold Plate as per Jedec best practice guidelines (JESD51) in contact with package top side (e-pad). Ambient
temperature set to 85°C.
HFDA801A
Electrical specifications
DB4402 - Rev 1
page 7/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com