Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFDA801A Datasheet(PDF) 12 Page - STMicroelectronics

Part # HFDA801A
Description  4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality, advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HFDA801A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button HFDA801A Datasheet HTML 8Page - STMicroelectronics HFDA801A Datasheet HTML 9Page - STMicroelectronics HFDA801A Datasheet HTML 10Page - STMicroelectronics HFDA801A Datasheet HTML 11Page - STMicroelectronics HFDA801A Datasheet HTML 12Page - STMicroelectronics HFDA801A Datasheet HTML 13Page - STMicroelectronics HFDA801A Datasheet HTML 14Page - STMicroelectronics HFDA801A Datasheet HTML 15Page - STMicroelectronics HFDA801A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Figure 4. Exposed-pad groove's shapes
HFDA801A
LQFP64 (10x10x1.4 mm exp. pad up) package information
DB4402 - Rev 1
page 12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com