Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFDA801A Datasheet(PDF) 4 Page - STMicroelectronics

Part # HFDA801A
Description  4 x 80W digital input class-D automotive audio amplifier with Hi-Fi audio quality, advanced diagnostics, 2 MHz switching frequency and High Resolution Bandwidth
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HFDA801A Datasheet(HTML) 4 Page - STMicroelectronics

  HFDA801A Datasheet HTML 1Page - STMicroelectronics HFDA801A Datasheet HTML 2Page - STMicroelectronics HFDA801A Datasheet HTML 3Page - STMicroelectronics HFDA801A Datasheet HTML 4Page - STMicroelectronics HFDA801A Datasheet HTML 5Page - STMicroelectronics HFDA801A Datasheet HTML 6Page - STMicroelectronics HFDA801A Datasheet HTML 7Page - STMicroelectronics HFDA801A Datasheet HTML 8Page - STMicroelectronics HFDA801A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Figure 2. Pin connection diagram (top view)
1
2
3
5
6
4
7
8
9
10
22
11
21 20 19 18 17
54 55 56 57
59
58
60 61 62 63 64
43
42
41
39
38
40
48
47
46
44
45
27 26 25 24 23
53
52
51
50
49
32 31 30 29 28
37
36
34
33
35
12
13
14
15
16
OUT4+
OUT4+
GND4+
GND4-
OUT4-
OUT4-
FB4-
VCC4-
VCC3-
FB3-
OUT3-
OUT3-
GND3-
GND3+
OUT3+
OUT3+
OUT2+
OUT2+
GND2+
GND2-
OUT2-
OUT2-
FB2
VCC2-
VCC1-
FB1-
OUT1-
OUT1-
GND1-
GND1+
OUT1+
OUT1+
Table 1. Pins list description
#
Pin
Function
1
OUT2+
Channel 2, half bridge plus, Output
2
OUT2+
Channel 2, half bridge plus, Output
3
GND2+
Channel 2, half bridge plus, Power Ground
4
GND2-
Channel 2, half bridge minus, Power Ground
5
OUT2-
Channel 2, half bridge minus, Output
6
OUT2-
Channel 2, half bridge minus, Output
7
FB2-
Channel 2, half bridge minus, Feedback
8
VCC2-
Channel 2, half bridge minus, Power Supply
9
VCC1-
Channel 1, half bridge minus, Power Supply
10
FB1-
Channel 1, half bridge minus, Feedback
11
OUT1-
Channel 1, half bridge minus, Output
HFDA801A
Block diagram and pins description
DB4402 - Rev 1
page 4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com