Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA75610DLVPD Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA75610DLVPD
Description  4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610DLVPD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA75610DLVPD Datasheet HTML 5Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 6Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 7Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 8Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 9Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 10Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 11Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 12Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DocID024175 Rev 8
9/37
TDA75610DLVPD
Electrical specifications
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vop
Operating supply voltage(1)
1. For RL = 2Ω, the output current limit can be reached at Vop >16 V (internal self-protections can be
triggered).
18
V
VS
DC supply voltage
28
V
Vpeak
Peak supply voltage (for tmax = 50 ms)
50
V
GNDmax
Ground pins voltage
-0.3 to 0.3
V
VCK, VDATA,
VCD
CK, CD and DATA pin voltage
-0.3 to 5.5
V
Vstby
STBY pin voltage
-0.3 to Vop
V
IO
Output peak current (not repetitive tmax = 100ms)
8
A
Output peak current (repetitive f > 10 kHz)
6
Ptot
Power dissipation Tcase = 70°C (2)
2. This is max theoretical value, for power dissipation in real application conditions.
80
W
Tstg, Tj
Storage and junction temperature(3)
3. A suitable heatsink/dissipation system should be used to keep Tj inside the specified limits.This is max
theoretical value, for power dissipation in real application conditions.
-55 to 150
°C
Tamb
Operative temperature range
-40 to 105
°C
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction-to-case
Max.
1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com