Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA75610DLVPD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA75610DLVPD
Description  4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610DLVPD Datasheet(HTML) 1 Page - STMicroelectronics

  TDA75610DLVPD Datasheet HTML 1Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 2Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 3Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 4Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 5Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 6Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 7Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 8Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
This is information on a product in full production.
September 2014
DocID024175 Rev 8
1/37
1
TDA75610DLVPD
4 x 45 W differential power amplifier with full I2C diagnostics,
high efficiency and low voltage operation
Datasheet
- production data
Features
 Multipower BCD technology
 MOSFET output power stage
 DMOS power output
 Differential input
 Class SB high efficiency
 High output power capability: 4x25 W/4 Ω @
14.4 V, 1 kHz, 10% THD, 4 x 45 W max power
 Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 26 dB /16 dB (for low noise
line output function)
– High efficiency enable/disable
–I2C bus digital diagnostics (including DC
bus AC load detection)
 Fault detection through integrated diagnostics
 DC offset detection
 Four independent short circuit protection
 Clipping detector pin with selectable threshold
(2 %/10 %)
 Standby/mute pin
 Linear thermal shutdown with multiple thermal
warning
 ESD protection
 Very robust against any kind of misconnection
 Improved SVR suppression during battery
transients
 Capable to play down to 6 V (e.g. “Start-stop”)
Description
The TDA75610DLVPD is the most advanced
BCD technology quad bridge car radio amplifier,
including a wide range of innovative features.
The TDA75610DLVPD is equipped with the most
complete diagnostics array that communicates
the status of each speaker through the I2C bus.
The differential input stage improves the
disturbance rejection.
The dissipated output power under average
listening condition is significantly reduced when
compared to the conventional class AB solutions,
thanks to the innovative internal design. Moreover
it has been designed to be very robust against
several kinds of misconnections.
It is moreover compliant to the most recent OEM
specifications for low voltage operation (so called
'start-stop' battery profile during engine stop),
helping car manufacturers to reduce the overall
emissions and thus contributing to environment
protection.
PowerSO36
Table 1. Device summary
Order code
Package
Packing
TDA75610DLVPD
PowerSO36
Tube
TDA75610DLVPDTR
PowerSO36
Tape and reel
www.st.com


Similar Part No. - TDA75610DLVPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA75610DLV ETC2-TDA75610DLV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
More results

Similar Description - TDA75610DLVPD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7567PD STMICROELECTRONICS-TDA7567PD Datasheet
358Kb / 30P
4 x 50 W differential quad power amplifier with built-in diagnostics features
11-Dec-2009
logo
NXP Semiconductors
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
STMicroelectronics
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
STPA003 STMICROELECTRONICS-STPA003 Datasheet
455Kb / 25P
4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
21-Jan-2020
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7577BLV STMICROELECTRONICS-TDA7577BLV Datasheet
816Kb / 43P
2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
13-Jan-2015
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com