Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA75610DLVPD Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA75610DLVPD
Description  4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610DLVPD Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA75610DLVPD Datasheet HTML 16Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 17Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 18Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 19Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 20Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 21Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 22Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 23Page - STMicroelectronics TDA75610DLVPD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Diagnostics functional description
TDA75610DLVPD
20/37
DocID024175 Rev 8
4.3
Output DC offset detection
Any DC output offset exceeding ±2 V are signalled out. This inconvenient might occur as a
consequence of initially defective or aged and worn-out input capacitors feeding a DC
component to the inputs, so putting the speakers at risk of overheating.
This diagnostic has to be performed with low-level output AC signal (or Vin = 0).
The test is run with selectable time duration by microprocessor (from a "start" to a "stop"
command):
START = Last reading operation or setting IB1 - D5 - (OFFSET enable) to 1
STOP = Actual reading operation
Excess offset is signalled out if it is persistent for all the assigned testing time. This feature is
disabled if any overloads leading to activation of the short-circuit protection occurs in the
process.
4.4
AC diagnostic
It is targeted at detecting accidental disconnection of tweeters in 2-way speaker and, more
in general, presence of capacitive (AC) coupled loads.
This diagnostic is based on the notion that the overall speaker's impedance (woofer +
parallel tweeter) will tend to increase towards high frequencies if the tweeter gets
disconnected, because the remaining speaker (woofer) would be out of its operating range
(high impedance). The diagnostic decision is made according to peak output current
thresholds, and it is enabled by setting (IB2-D2) = 1. Two different detection levels are
available:
High current threshold IB2 (D7) = 0
Iout > 500 mApk = normal status
Iout < 250 mApk = open tweeter
Low current threshold IB2 (D7) = 1
Iout > 250 mApk = normal status
Iout < 125 mApk = open tweeter
To correctly implement this feature, it is necessary to briefly provide a signal tone (with the
amplifier in "play") whose frequency and magnitude are such as to determine an output
current higher than 500 mApk with IB2(D7)=0 (higher than 250 mApk with IB2(D7)=1) in
normal conditions and lower than 250 mApk with IB2(D7)=0 (lower than 125 mApk with
IB2(D7)=1) should the parallel tweeter be missing.
The test has to last for a minimum number of 3 sine cycles starting from the activation of the
AC diagnostic function IB2<D2>) up to the I2C reading of the results (measuring period). To
confirm presence of tweeter, it is necessary to find at least 3 current pulses over the above
threadless over all the measuring period, else an "open tweeter" message will be issued.
The frequency / magnitude setting of the test tone depends on the impedance
characteristics of each specific speaker being used, with or without the tweeter connected
(to be calculated case by case). High-frequency tones (> 10 kHz) or even ultrasonic signals
are recommended for their negligible acoustic impact and also to maximize the impedance
module's ratio between with tweeter-on and tweeter-off.
Figure 30 shows the load impedance as a function of the peak output voltage and the
relevant diagnostic fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com