Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7577BLV Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7577BLV
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLV Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7577BLV Datasheet HTML 1Page - STMicroelectronics TDA7577BLV Datasheet HTML 2Page - STMicroelectronics TDA7577BLV Datasheet HTML 3Page - STMicroelectronics TDA7577BLV Datasheet HTML 4Page - STMicroelectronics TDA7577BLV Datasheet HTML 5Page - STMicroelectronics TDA7577BLV Datasheet HTML 6Page - STMicroelectronics TDA7577BLV Datasheet HTML 7Page - STMicroelectronics TDA7577BLV Datasheet HTML 8Page - STMicroelectronics TDA7577BLV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
DocID025375 Rev 5
5/43
TDA7577BLV
List of figures
5
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Pin connections (top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Application circuit (TDA7577BLVPD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Quiescent drain current vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 5.
Output power vs. supply voltage (4 Ω) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 6.
Output power vs. supply voltage (2 Ω) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 7.
Output power vs. supply voltage (1 Ω) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 8.
Distortion vs. output power (4 Ω, STD mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 9.
Distortion vs. output power (2 Ω, STD mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 10.
Distortion vs. output power (2 Ω, HI-EFF mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 11.
Distortion vs. output power (1 Ω, STD mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 12.
Distortion vs. frequency (4 Ω load) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 13.
Distortion vs. frequency (2 Ω load) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 14.
Distortion vs. frequency (1 Ω load) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 15.
Output attenuation vs. supply voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14
Figure 16.
CMRR vs. frequency. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 17.
Cross talk vs frequency. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 18.
Power dissipation vs. average Po (2 Ω, STD mode, sine wave) . . . . . . . . . . . . . . . . . . . . 15
Figure 19.
Power dissipation vs. Po (2 Ω, STD mode, audio program simulation) . . . . . . . . . . . . . . . 15
Figure 20.
Power dissipation vs. average Po (2Ω, HI-EFF mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 21.
Power dissipation vs. Po (1 Ω, STD mode, audio program simulation) . . . . . . . . . . . . . . . 15
Figure 22.
ITU R-ARM frequency response, weighting filter for transient pop. . . . . . . . . . . . . . . . . . . 16
Figure 23.
Turn-on diagnostic: working principle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .17
Figure 24.
SVR and output behavior - case 1: without turn-on diagnostic . . . . . . . . . . . . . . . . . . . . . . 17
Figure 25.
SVR and output pin behavior - case 2: with turn-on diagnostic . . . . . . . . . . . . . . . . . . . . . 18
Figure 26.
Short circuit detection thresholds . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 27.
Load detection thresholds - high gain setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 28.
Load detection thresholds - high gain setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 29.
Restart timing without diagnostic enable (permanent) each 1ms time,
a sampling of the fault is done . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 30.
Restart timing with diagnostic enable (permanent). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 31.
Current detection high: load impedance |Z| vs. output peak voltage . . . . . . . . . . . . . . . . . 21
Figure 32.
Current detection low: load impedance |Z| vs. output peak voltage . . . . . . . . . . . . . . . . . . 21
Figure 33.
Worst case battery cranking curve sample 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 34.
Worst case battery cranking curve sample 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 35.
Upwards fast battery transitions diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 36.
High efficiency - basic structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 37.
Data validity on the I2C bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 38.
Timing diagram on the I2C bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 39.
Timing acknowledge clock pulse . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Figure 40.
PowerSO-36 (slug up) package mechanical drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 41.
Flexiwatt 27 (vertical) package mechanical drawing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 42.
Flexiwatt 27 (horizontal) package mechanical drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 43.
Flexiwatt 27 (SMD) package mechanical drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com