Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7577BLV Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7577BLV
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLV Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7577BLV Datasheet HTML 4Page - STMicroelectronics TDA7577BLV Datasheet HTML 5Page - STMicroelectronics TDA7577BLV Datasheet HTML 6Page - STMicroelectronics TDA7577BLV Datasheet HTML 7Page - STMicroelectronics TDA7577BLV Datasheet HTML 8Page - STMicroelectronics TDA7577BLV Datasheet HTML 9Page - STMicroelectronics TDA7577BLV Datasheet HTML 10Page - STMicroelectronics TDA7577BLV Datasheet HTML 11Page - STMicroelectronics TDA7577BLV Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Electrical specifications
TDA7577BLV
8/43
DocID025375 Rev 5
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
Refer to the test circuit, VS = 14.4 V; RL = 4 Ω; f = 1 kHz; GV = 26 dB; Tamb = 25 °C; unless
otherwise specified.
Tested at Tamb = 25 °C and Thot = 105 °C; functionality guaranteed for Tj = -40 °C to 150 °C.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vop
Operating supply voltage
18
V
VS
DC supply voltage
28
V
Vpeak
Peak supply voltage (for t = 50 ms)
50
V
VCK, VDATA I2C CK and DATA pin voltage
-0.3 to 6
V
GNDmax
Ground pin voltage
-0.3 to 0.3
V
Vst-by
Standby pin voltage
-0.3 to Vop
V
VCP
Clip detector voltage
-0.3 to Vop
V
Vin max
Input max voltage
-0.3 to Vop
V
IO
Output peak current (not repetitive t = 100 ms)
8
A
IO
Output peak current (repetitive f > 10 Hz)
6
A
Ptot
Power dissipation Tcase = 70 °C (1)
86
W
Tstg, Tj
Storage and junction temperature (2)
-55 to 150
°C
Tamb
Operative temperature range
-40 to 105
°C
1. This is maximum theoretical value; for power dissipation in real application conditions, please refer to curves reported in
Section 3.4: Electrical characteristics typical curves.
2. A suitable dissipation system should be used to keep Tj inside the specified limits.
Table 3. Thermal data
Symbol
Parameter
PowerSO36
Flexiwatt 27
Unit
Rth j-case Thermal resistance junction-to-case
Max
1
1
°C/W
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
General characteristics
VS
Supply voltage range
-6
-
18
V
RL = 2 Ω
6
-
16
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com