Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7577BLV Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7577BLV
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLV Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7577BLV Datasheet HTML 20Page - STMicroelectronics TDA7577BLV Datasheet HTML 21Page - STMicroelectronics TDA7577BLV Datasheet HTML 22Page - STMicroelectronics TDA7577BLV Datasheet HTML 23Page - STMicroelectronics TDA7577BLV Datasheet HTML 24Page - STMicroelectronics TDA7577BLV Datasheet HTML 25Page - STMicroelectronics TDA7577BLV Datasheet HTML 26Page - STMicroelectronics TDA7577BLV Datasheet HTML 27Page - STMicroelectronics TDA7577BLV Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Battery transitions management
TDA7577BLV
24/43
DocID025375 Rev 5
6
Battery transitions management
6.1
Low voltage operation (“start stop”)
The most recent OEM specifications require automatic stop of car engine at traffic light, in
order to reduce emissions of polluting substances. The TDA7577BLV, thanks to its
innovating design, is able to play when battery falls down to 6/7 V during such conditions,
without producing audible pop noise. The maximum system power will be reduced
accordingly.
Worst case battery cranking curves are shown below, indicating the shape and duration of
allowed battery transitions.
Figure 33. Worst case battery cranking curve sample 1
V1 = 12 V; V2 = 6 V; V3 = 7 V; V4 = 8 V
t1 = 2 ms; t2 = 50 ms; t3 = 5 ms; t4 = 300 ms; t5 =10 ms; t6 = 1 s; t7 = 2 ms
Figure 34. Worst case battery cranking curve sample 2
V1 = 12 V; V2 = 6 V; V3 = 7 V
t1 = 2 ms; t2 = 5 ms; t3 = 15 ms; t5 = 1 s; t6 = 50 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com