Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2205 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2205
Description  WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2205 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2205 Datasheet HTML 4Page - Diodes Incorporated AP2205 Datasheet HTML 5Page - Diodes Incorporated AP2205 Datasheet HTML 6Page - Diodes Incorporated AP2205 Datasheet HTML 7Page - Diodes Incorporated AP2205 Datasheet HTML 8Page - Diodes Incorporated AP2205 Datasheet HTML 9Page - Diodes Incorporated AP2205 Datasheet HTML 10Page - Diodes Incorporated AP2205 Datasheet HTML 11Page - Diodes Incorporated AP2205 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AP2205
Document number: DS41592 Rev. 3 - 2
8 of 16
www.diodes.com
November 2020
© Diodes Incorporated
AP2205
Performance Characteristics (Cont.)
Dropout Voltage vs. Output Current
Dropout Voltage vs. Output Current
Dropout Voltage vs. Temperature
Dropout Voltage vs. Temperature
Supply Current vs. Input Voltage
Supply Current vs. Input Voltage
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
-10
0
10
20
30
40
50
60
70
80
90
100
No Load
T
A= -40
oC
T
A= +25
oC
T
A= +85
oC
T
A= +125
oC
AP2205-3.3V
Input Voltage (V)
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
800
AP2205-3.3V
I
OUT=10mA
I
OUT=50mA
I
OUT=100mA
I
OUT=150mA
Temperature (oC)
0
20
40
60
80
100
120
140
160
180
200
0
100
200
300
400
500
600
700
800
900
1000
AP2205-3.3V
T
A= -40
oC
T
A= +25
oC
T
A= +85
oC
T
A= +125
oC
Output Current (mA)
0
50
100
150
200
0
100
200
300
400
500
600
700
800
900
1000
T
A=+25
oC
T
A=-40
oC
T
A=+85
oC
T
A=+125
oC
Output Current (mA)
AP2205-1.8V
-40
-25
-10
5
20
35
50
65
80
95
110 125
0
100
200
300
400
500
600
700
800
I
OUT=10mA
I
OUT=50mA
I
OUT=100mA
I
OUT=150mA
Temperature (oC)
AP2205-5.0V
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36
-10
0
10
20
30
40
50
60
70
80
90
100
V
EN=VIN
No Load
AP2205-1.5V
Input Voltage (V)
T
A=-40
oC
T
A=+25
oC
T
A=+85
oC
T
A=+125
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com