Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2205 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2205
Description  WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2205 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2205 Datasheet HTML 1Page - Diodes Incorporated AP2205 Datasheet HTML 2Page - Diodes Incorporated AP2205 Datasheet HTML 3Page - Diodes Incorporated AP2205 Datasheet HTML 4Page - Diodes Incorporated AP2205 Datasheet HTML 5Page - Diodes Incorporated AP2205 Datasheet HTML 6Page - Diodes Incorporated AP2205 Datasheet HTML 7Page - Diodes Incorporated AP2205 Datasheet HTML 8Page - Diodes Incorporated AP2205 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP2205
Document number: DS41592 Rev. 3 - 2
2 of 16
www.diodes.com
November 2020
© Diodes Incorporated
AP2205
Typical Applications Circuit
VOUT = VREF(1+(R1/R2))
AP2205
ADJ Version
GND
VIN
VOUT
VIN
CIN
1.0µF
VOUT
COUT
2.2µF
EN
ADJ
R1
R2
SOT25
R3
C1
Startup Time Adjustable by External R3C1 Circuit
AP2205
Fixed Version
GND
VIN
VOUT
VIN
CIN
1.0µF
VOUT
COUT
2.2µF
EN
NC
SOT25
R3
C1
Startup Time Adjustable by External R3C1 Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com