Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2205 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2205
Description  WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2205 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2205 Datasheet HTML 1Page - Diodes Incorporated AP2205 Datasheet HTML 2Page - Diodes Incorporated AP2205 Datasheet HTML 3Page - Diodes Incorporated AP2205 Datasheet HTML 4Page - Diodes Incorporated AP2205 Datasheet HTML 5Page - Diodes Incorporated AP2205 Datasheet HTML 6Page - Diodes Incorporated AP2205 Datasheet HTML 7Page - Diodes Incorporated AP2205 Datasheet HTML 8Page - Diodes Incorporated AP2205 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AP2205
Document number: DS41592 Rev. 3 - 2
3 of 16
www.diodes.com
November 2020
© Diodes Incorporated
AP2205
Pin Descriptions
Pin Number
Pin Name
Function
SOT25
SOT89
SOT89R
Y
YR
1
1
3
VIN
Input voltage
2
2
2
GND
Ground
3
—
—
EN
Enable input
4
—
—
ADJ/NC
Adjust output for ADJ version/Not connected for
fixed version
5
3
1
VOUT
Regulated output voltage
Functional Block Diagram
Fixed Version
Adjustable Output Voltage
Adjustable Version
+
-
1.24V +
OTP
- VREF
GND
ENABLE
EN
ADJ
VOUT
VIN
1
2
3
5
4
A(B){C}
A: SOT25
B: SOT89
C: SOT89R
SOT25
+
-
1.24V +
VIN
VOUT
- VREF
GND
OTP
ENABLE
EN
1 (1) {3}
3
2 (2) {2}
5 (3) {1}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com