Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22804 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP22804
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22804 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP22804 Datasheet HTML 1Page - Diodes Incorporated AP22804 Datasheet HTML 2Page - Diodes Incorporated AP22804 Datasheet HTML 3Page - Diodes Incorporated AP22804 Datasheet HTML 4Page - Diodes Incorporated AP22804 Datasheet HTML 5Page - Diodes Incorporated AP22804 Datasheet HTML 6Page - Diodes Incorporated AP22804 Datasheet HTML 7Page - Diodes Incorporated AP22804 Datasheet HTML 8Page - Diodes Incorporated AP22804 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AP22804 / AP22814
Document number: DS39137 Rev. 3 - 2
4 of 19
www.diodes.com
July 2017
© Diodes Incorporated
AP22804 / AP22814
Electrical Characteristics (VIN = 5V @ TA = +25°C, CIN = 1µF, CL = 100nF, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VUVLO
Input UVLO
VIN rising
1.6
2.0
2.4
V
ΔVUVLO Input UVLO Hysteresis
VIN decreasing
—
180
—
mV
ISHDN
Input Shutdown Current
Disabled, OUT = open
—
0.1
1
µA
IQ
Input Quiescent Current
Enabled, OUT = open
—
80
—
µA
ILEAK
Input Leakage Current
Disabled, OUT grounded
—
0.1
1
µA
IREV
Reverse Leakage Current
Disabled, VIN = 0V, VOUT = 5V, IREV at VIN
—
0.01
1
µA
RDS(ON) Switch On-Resistance
AP228X4
VIN = 5.0V, IOUT = 1A
MSOP-8
—
50
65
m
Ω
VIN = 5.0V, IOUT = 1A
SOT25
—
50
65
VIN = 5.0V, IOUT = 1A
U-DFN2020-6
—
50
65
ILIMIT
Over Load Current Limit
AP22804, VIN = 5V, VOUT = 4.5V
2.7
3.0
3.3
A
AP22814, VIN = 5V, VOUT = 4.5V
3.1
3.45
3.8
A
ISHORT
Short-Circuit Current Limit
AP22804, Enabled, Output short to ground
—
0.45
—
A
AP22814, Enabled, Output short to ground
—
0.65
—
A
VIL
EN Input Logic Low Voltage
VIN = 2.7V to 5.5V
—
—
0.65
V
VIH
EN Input Logic High Voltage
VIN = 2.7V to 5.5V
1.5
—
—
V
ILEAK-EN EN Input Leakage
VIN = 5V, VEN = 0V and 5.5V
—
0.01
1
µA
ILEAK-O Output Leakage Current
Disabled, VOUT = 0V
—
0.5
1
µA
tD(ON)
Output Turn-On Delay Time
CL = 4.7µF, RLOAD = 10Ω @ VIN = 3.3V
Figure 1
—
1.7
—
ms
tR
Output Turn-On Rise Time
CL = 4.7µF, RLOAD = 10Ω @ VIN = 3.3V
Figure 1
1.0
2.1
3.5
ms
tD(OFF)
Output Turn-Off Delay Time
CL = 4.7µF, RLOAD = 10Ω @ VIN = 3.3V
Figure 1
—
20
—
µs
tF
Output Turn-Off Fall Time
CL = 4.7µF, RLOAD = 100Ω @ VIN = 3.3V Figure 1
—
0.65
—
ms
RFLG
FLG Output FET On-Resistance
IFLG = 10mA
—
40
60
Ω
IFOH
FLG Off Current
VFLG = 5V
—
0.01
1
µA
tBLANK
FLG Blanking Time
Assertion or deassertion due to overcurrent and over-
temperature condition
2
6
13
ms
tDIS
Discharge Time
CL = 1µF, VIN = 5V, disabled to VOUT < 0.5V
—
0.4
—
ms
RDIS
Discharge Resistance
VIN = 5V, disabled, IOUT = 1mA
—
90
130
Ω
TSHDN
Thermal Shutdown Threshold
Enabled
—
+140
—
C
THYS
Thermal Shutdown Hysteresis
—
—
+35
—
C
VRVP
Reverse-Voltage Comparator Trip
Point
VOUT - VIN
25
50
75
mV
IROCP
Reverse Current Limit
VOUT - VIN = 100mV
—
400
—
mA
tTRIG
Time from Reverse-Voltage
Condition to MOSFET Turn Off
VIN
2
6
13
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com