Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22804 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP22804
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22804 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP22804 Datasheet HTML 4Page - Diodes Incorporated AP22804 Datasheet HTML 5Page - Diodes Incorporated AP22804 Datasheet HTML 6Page - Diodes Incorporated AP22804 Datasheet HTML 7Page - Diodes Incorporated AP22804 Datasheet HTML 8Page - Diodes Incorporated AP22804 Datasheet HTML 9Page - Diodes Incorporated AP22804 Datasheet HTML 10Page - Diodes Incorporated AP22804 Datasheet HTML 11Page - Diodes Incorporated AP22804 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AP22804 / AP22814
Document number: DS39137 Rev. 3 - 2
8 of 19
www.diodes.com
July 2017
© Diodes Incorporated
AP22804 / AP22814
Performance Characteristics (Cont.) (TA = +25°C, VIN = 5V, CIN = 1μF, CL = 0.1μF, unless otherwise specified.)
UVLO Increasing
UVLO Decreasing
Reverse-Voltage Protection Response
Reverse-Voltage Protection Recovery
VIN=5V
RLOAD=1.66Ω
CL=0.1μF//120μF
VIN=5V
RLOAD=1.66Ω
CL=0.1μF//120μF
VIN
2V/div
VIN
2V/div
VOUT
2V/div
VOUT
2V/div
1ms/div
1ms/div
VIN=5V
RLOAD=10Ω
CL=0.1μF//120μF
VIN=5V
RLOAD=10Ω
CL=0.1μF//120μF
VIN
1V/div
VIN
1V/div
VOUT
1V/div
VOUT
1V/div
2ms/div
2ms/div
IOUT
1A/div
IOUT
1A/div
5.5V Applied
to VOUT
Shutdown
5.5V Removed
from VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com