Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22804 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP22804
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22804 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP22804 Datasheet HTML 11Page - Diodes Incorporated AP22804 Datasheet HTML 12Page - Diodes Incorporated AP22804 Datasheet HTML 13Page - Diodes Incorporated AP22804 Datasheet HTML 14Page - Diodes Incorporated AP22804 Datasheet HTML 15Page - Diodes Incorporated AP22804 Datasheet HTML 16Page - Diodes Incorporated AP22804 Datasheet HTML 17Page - Diodes Incorporated AP22804 Datasheet HTML 18Page - Diodes Incorporated AP22804 Datasheet HTML 19Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
AP22804 / AP22814
Document number: DS39137 Rev. 3 - 2
16 of 19
www.diodes.com
July 2017
© Diodes Incorporated
AP22804 / AP22814
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
MSOP-8
(2)
SOT25
MSOP-8
Dim Min
Max
Typ
A
-
1.10
-
A1
0.05 0.15
0.10
A2
0.75 0.95
0.86
A3
0.29 0.49
0.39
b
0.22 0.38
0.30
c
0.08 0.23
0.15
D
2.90 3.10
3.00
E
4.70 5.10
4.90
E1
2.90 3.10
3.00
E3
2.85 3.05
2.95
e
-
-
0.65
L
0.40 0.80
0.60
a
0°
8°
4°
x
-
-
0.750
y
-
-
0.750
All Dimensions in mm
SOT25
Dim
Min
Max
Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
-
-
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
N
0.70
0.80 0.75

0°
8°
-
All Dimensions in mm
A
A1
A2
e
Seating Plane
Gauge Plane
0.25
L
4X10°
4X
10
°
See Detail C
Detail C
c
E1
E3
A3
1
E
y
x
D
b
A
M
J
L
D
B C
H
K
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com