Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA350B Datasheet(PDF) 69 Page - STMicroelectronics

Part # STA350B
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350B Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STA350B Datasheet HTML 65Page - STMicroelectronics STA350B Datasheet HTML 66Page - STMicroelectronics STA350B Datasheet HTML 67Page - STMicroelectronics STA350B Datasheet HTML 68Page - STMicroelectronics STA350B Datasheet HTML 69Page - STMicroelectronics STA350B Datasheet HTML 70Page - STMicroelectronics STA350B Datasheet HTML 71Page - STMicroelectronics STA350B Datasheet HTML 72Page - STMicroelectronics STA350B Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
DocID018572 Rev 7
69/94
STA350B, STA350BW
Register description
94
For example, in case of different input sources (different sampling rates), the three different
sets of coefficients can be downloaded once at startup, and during normal play it is possible
to switch among the three RAM blocks allowing faster operation, without any additional
download from the microcontroller.
To write the coefficients in a particular RAM bank, this bank must be selected first, writing
bit 0 and bit 1 in register 0x31. Then the write procedure below can be used.
Note that as soon as a RAM bank is selected, the EQ settings are automatically switched to
the coefficients stored in the active RAM block.
Note:
The read write operation on RAM coefficients works only if RLCKI (pin29) is switching and
stable (ref. Table 7, tLRJT timing) and PLL must be locked (ref bit D7 reg 0x2D).
Reading a coefficient from RAM
1.
Select the RAM block with register 0x31 bit 1, bit 0.
2.
Write 6 bits of address to I2C register 0x16.
3.
Write 1 to R1 bit in I2C address 0x26.
4.
Read top 8 bits of coefficient in I2C address 0x17.
5.
Read middle 8 bits of coefficient in I2C address 0x18.
6.
Read bottom 8 bits of coefficient in I2C address 0x19.
Reading a set of coefficients from RAM
1.
Select the RAM block with register 0x31 bit1, bit0.
2.
Write 6 bits of address to I2C register 0x16.
3.
Write 1 to RA bit in I2C address 0x26.
4.
Read top 8 bits of coefficient in I2C address 0x17.
5.
Read middle 8 bits of coefficient in I2C address 0x18.
6.
Read bottom 8 bits of coefficient in I2C address 0x19.
7.
Read top 8 bits of coefficient b2 in I2C address 0x1A.
8.
Read middle 8 bits of coefficient b2 in I2C address 0x1B.
9.
Read bottom 8 bits of coefficient b2 in I2C address 0x1C.
10. Read top 8 bits of coefficient a1 in I2C address 0x1D.
11. Read middle 8 bits of coefficient a1 in I2C address 0x1E.
12. Read bottom 8 bits of coefficient a1 in I2C address 0x1F.
13. Read top 8 bits of coefficient a2 in I2C address 0x20.
14. Read middle 8 bits of coefficient a2 in I2C address 0x21.
15. Read bottom 8 bits of coefficient a2 in I2C address 0x22.
16. Read top 8 bits of coefficient b0 in I2C address 0x23.
17. Read middle 8 bits of coefficient b0 in I2C address 0x24.
18. Read bottom 8 bits of coefficient b0 in I2C address 0x25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com