Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH32N65DM6AG Datasheet(PDF) 6 Page - STMicroelectronics

Part # SH32N65DM6AG
Description  Automotive-grade N-channel 650 V, 89 m typ., 32 A MDmesh DM6 half‑bridge topology Power MOSFET in an ACEPACK SMIT package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SH32N65DM6AG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SH32N65DM6AG Datasheet HTML 2Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 3Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 4Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 5Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 6Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 7Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 8Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 9Page - STMicroelectronics SH32N65DM6AG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Figure 7. Typical capacitance characteristics
GADG210420210934CVR
10 4
10 3
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
C
(pF)
VDS (V)
Ciss
Coss
Crss
f = 1 MHz
Figure 8. Normalized gate threshold vs temperature
GADG020820221214VTH
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
TJ (°C)
ID = 250 μA
Figure 9. Normalized on-resistance vs temperature
GADG020820221214RON
2.0
1.5
1.0
0.5
0.0
-75
-25
25
75
125
RDS(on)
(norm.)
TJ (°C)
VGS= 10 V
Figure 10. Normalized breakdown voltage vs temperature
GADG020820221214BDV
1.10
1.05
1.00
0.95
0.90
-75
-25
25
75
125
V(BR)DSS
(norm.)
TJ (°C)
ID = 1 mA
Figure 11. Typical reverse diode forward characteristics
GADG020820221215SDF
1.2
1.0
0.8
0.6
0.4
0
5
10
15
20
25
30
35
VSD
(V)
ISD (A)
TJ= -40 °C
TJ= 25 °C
TJ= 150 °C
SH32N65DM6AG
Electrical characteristics
(curves)
DS14049 - Rev 2
page 6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com