Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB30N65M2AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB30N65M2AG
Description  Automotive-grade N-channel 650 V, 0.15 typ., 20 A MDmesh M2 Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30N65M2AG Datasheet(HTML) 1 Page - STMicroelectronics

  STB30N65M2AG Datasheet HTML 1Page - STMicroelectronics STB30N65M2AG Datasheet HTML 2Page - STMicroelectronics STB30N65M2AG Datasheet HTML 3Page - STMicroelectronics STB30N65M2AG Datasheet HTML 4Page - STMicroelectronics STB30N65M2AG Datasheet HTML 5Page - STMicroelectronics STB30N65M2AG Datasheet HTML 6Page - STMicroelectronics STB30N65M2AG Datasheet HTML 7Page - STMicroelectronics STB30N65M2AG Datasheet HTML 8Page - STMicroelectronics STB30N65M2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
3
TAB
D²PAK
2
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on) max.
ID
STB30N65M2AG
650 V
0.18 Ω
20 A
•
AEC-Q101 qualified
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
This device is an N-channel Power MOSFET developed using MDmesh M2
technology. Thanks to its strip layout and an improved vertical structure, the device
exhibits low on-resistance and optimized switching characteristics, rendering it
suitable for the most demanding high efficiency converters.
Product status link
STB30N65M2AG
Product summary
Order code
STB30N65M2AG
Marking
30N65M2
Package
D²PAK
Packing
Tape and reel
Automotive-grade N-channel 650 V, 0.15 Ω typ., 20 A MDmesh M2
Power MOSFET in a D²PAK package
STB30N65M2AG
Datasheet
DS12263 - Rev 2 - December 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STB30N65M2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30N65M5 STMICROELECTRONICS-STB30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
logo
Inchange Semiconductor ...
STB30N65M5 ISC-STB30N65M5 Datasheet
314Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB30N65M2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW62N65M5 STMICROELECTRONICS-STW62N65M5 Datasheet
885Kb / 14P
Automotive-grade N-channel 650 V, 0.041 typ., 46 A MDmesh V Power MOSFET in a TO-247 package
19-Jun-2013
STF40N65M2 STMICROELECTRONICS-STF40N65M2 Datasheet
441Kb / 13P
N-channel 650 V, 0.087 Ω typ., 32 A MDmesh™ M2 Power MOSFET in a TO-220FP package
09-Feb-2014
STL16N65M2 STMICROELECTRONICS-STL16N65M2 Datasheet
947Kb / 16P
N-channel 650 V, 0.325 ??typ., 7.5 A MDmesh M2 Power MOSFET in a PowerFLAT™5x6 HV package
31-Oct-2014
STL33N65M2 STMICROELECTRONICS-STL33N65M2 Datasheet
815Kb / 15P
N-channel 650 V, 0.124 (ohm0 typ., 20 A MDmesh M2 Power MOSFET in a PowerFLAT 8x8 HV package
13-Apr-2016
STB12N60DM2AG STMICROELECTRONICS-STB12N60DM2AG Datasheet
422Kb / 15P
Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a D²PAK package
14-Apr-2021
STL3N65M2 STMICROELECTRONICS-STL3N65M2 Datasheet
318Kb / 13P
N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
26-May-2022
STL8N65M2 STMICROELECTRONICS-STL8N65M2 Datasheet
848Kb / 15P
N-channel 650 V, 1 typ., 4 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
30-May-2019
STL10N65M2 STMICROELECTRONICS-STL10N65M2 Datasheet
796Kb / 15P
N-channel 650 V, 0.85 typ., 4.5 A MDmesh M2 Power MOSFET in a PowerFLAT 5x6 HV package
20-Jun-2019
STL24N65M2 STMICROELECTRONICS-STL24N65M2 Datasheet
869Kb / 15P
N-channel 650 V, 0.205 typ., 14 A MDmesh M2 Power MOSFET in a PowerFLAT™ 8x8 HV package
November 2014 Rev 1
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com