Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB47N50DM6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB47N50DM6AG
Description  Automotive-grade N-channel 500 V, 61 m typ., 38 A MDmesh™ DM6 Power MOSFET in a D²PAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB47N50DM6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STB47N50DM6AG Datasheet HTML 1Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 2Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 3Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 4Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 5Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 6Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 7Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 8Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
3
TAB
D²PAK
2
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on) max.
ID
STB47N50DM6AG
500 V
71 mΩ
38 A
•
AEC-Q101 qualified
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh™ DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation, DM6
combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STB47N50DM6AG
Product summary
Order code
STB47N50DM6AG
Marking
47N50DM6
Package
D2PAK
Packing
Tape and reel
Automotive-grade N-channel 500 V, 61 mΩ typ., 38 A MDmesh™ DM6
Power MOSFET in a D²PAK package
STB47N50DM6AG
Datasheet
DS12118 - Rev 4 - May 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STB47N50DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB47N60DM6AG STMICROELECTRONICS-STB47N60DM6AG Datasheet
632Kb / 15P
Automotive-grade N-channel 600 V, 70 m typ., 36 A MDmesh™ DM6 Power MOSFET in a D2PAK package
05-Mar-2019
More results

Similar Description - STB47N50DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
Automotive N-channel 650 V, 33 mΩ typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
STB41N40DM6AG STMICROELECTRONICS-STB41N40DM6AG Datasheet
460Kb / 14P
Automotive-grade N-channel 400 V, 0.050 Ω typ., 41 A, MDmesh™ DM6 Power MOSFET in a D²PAK package
17-May-2018
STB12N60DM2AG STMICROELECTRONICS-STB12N60DM2AG Datasheet
422Kb / 15P
Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a D²PAK package
14-Apr-2021
STB30N65M2AG STMICROELECTRONICS-STB30N65M2AG Datasheet
1Mb / 15P
Automotive-grade N-channel 650 V, 0.15 typ., 20 A MDmesh M2 Power MOSFET in a D²PAK package
18-Dec-2019
STB47N60DM6AG STMICROELECTRONICS-STB47N60DM6AG Datasheet
632Kb / 15P
Automotive-grade N-channel 600 V, 70 m typ., 36 A MDmesh™ DM6 Power MOSFET in a D2PAK package
05-Mar-2019
STD13N50DM2AG STMICROELECTRONICS-STD13N50DM2AG Datasheet
544Kb / 16P
Automotive-grade N-channel 500 V, 320 m typ., 11 A MDmesh DM2 Power MOSFET in a DPAK package
31-Oct-2019
STD9N65DM6AG STMICROELECTRONICS-STD9N65DM6AG Datasheet
336Kb / 15P
Automotive-grade N-channel 650 V, 365 m typ., 9 A MDmesh DM6 Power MOSFET in a DPAK package
17-Apr-2020
STHU32N65DM6AG STMICROELECTRONICS-STHU32N65DM6AG Datasheet
658Kb / 15P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in an HU3PAK package
11-Nov-2021
STW72N60DM6AG STMICROELECTRONICS-STW72N60DM6AG Datasheet
282Kb / 12P
Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 package
STH36N60DM6-7AG STMICROELECTRONICS-STH36N60DM6-7AG Datasheet
469Kb / 14P
Automotive-grade N-channel 600 V, 0.084 Ω typ., 29 A MDmesh™ DM6 Power MOSFET in an H²PAK-7 package
26-Sep-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com