Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB47N50DM6AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB47N50DM6AG
Description  Automotive-grade N-channel 500 V, 61 m typ., 38 A MDmesh™ DM6 Power MOSFET in a D²PAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB47N50DM6AG Datasheet(HTML) 3 Page - STMicroelectronics

  STB47N50DM6AG Datasheet HTML 1Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 2Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 3Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 4Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 5Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 6Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 7Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 8Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 4. On/off-state
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS= 0 V, ID = 1 mA
500
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 500 V
5
µA
VGS = 0 V, VDS = 500 V,
TC = 125 °C(1)
100
µA
IGSS
Gate body leakage current
VDS = 0 V, VGS = ±25 V
±5
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 19 A
61
71
mΩ
1. Defined by design, not subject to production test.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz, VGS = 0 V
-
2300
-
pF
Coss
Output capacitance
-
140
-
pF
Crss
Reverse transfer capacitance
-
3.5
-
pF
RG
Intrinsic gate resistance
f = 1 MHz open drain
-
1.6
-
Ω
Qg
Total gate charge
VDD = 400 V, ID = 38 A,
VGS= 0 to 10 V
(see Figure 14. Test circuit for gate
charge behavior)
-
57
-
nC
Qgs
Gate-source charge
-
12
-
nC
Qgd
Gate-drain charge
-
32
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD= 200 V, ID = 19 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 13. Test circuit for
resistive load switching times
and Figure 18. Switching time
waveform)
-
22
-
ns
tr
Rise time
-
5.4
-
ns
td(off)
Turn-off delay time
-
56
-
ns
tf
Fall time
-
8.5
-
ns
Table 7. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
38
A
ISDM (1)
Source-drain current (pulsed)
-
137
A
STB47N50DM6AG
Electrical characteristics
DS12118 - Rev 4
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com