Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB47N50DM6AG Datasheet(PDF) 14 Page - STMicroelectronics

Part # STB47N50DM6AG
Description  Automotive-grade N-channel 500 V, 61 m typ., 38 A MDmesh™ DM6 Power MOSFET in a D²PAK package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB47N50DM6AG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STB47N50DM6AG Datasheet HTML 6Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 7Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 8Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 9Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 10Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 11Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 12Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 13Page - STMicroelectronics STB47N50DM6AG Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
IMPORTANT NOTICE – PLEASE READ CAREFULLY
STMicroelectronics NV and its subsidiaries (“ST”) reserve the right to make changes, corrections, enhancements, modifications, and improvements to ST
products and/or to this document at any time without notice. Purchasers should obtain the latest relevant information on ST products before placing orders. ST
products are sold pursuant to ST’s terms and conditions of sale in place at the time of order acknowledgement.
Purchasers are solely responsible for the choice, selection, and use of ST products and ST assumes no liability for application assistance or the design of
Purchasers’ products.
No license, express or implied, to any intellectual property right is granted by ST herein.
Resale of ST products with provisions different from the information set forth herein shall void any warranty granted by ST for such product.
ST and the ST logo are trademarks of ST. All other product or service names are the property of their respective owners.
Information in this document supersedes and replaces information previously supplied in any prior versions of this document.
© 2018 STMicroelectronics – All rights reserved
STB47N50DM6AG
DS12118 - Rev 4
page 14/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com