Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP250 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GP250
Description  RELAY - LATCH 2 PDT, 2 AMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP250 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GP250 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 2Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 3Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 4Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 5Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 6Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 7Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 8Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
COIL CHARACTERISTICS (Vdc)
GP250
CODE
06
12
26
Nominal operating voltage
6
12
26
Maximum operating voltage
7.3
14.8
32
Maximum latch or reset voltage at +125° C
4.6
9.8
18
Coil resistance in
Ω ±10% at +25° C
40
150
720
GENERAL CHARACTERISTICS
Temperature range
-65°C to +125°C
Dielectric strength at sea level
- Contacts to ground, coils to ground
1000 Vrms / 50 Hz
- Between coils, between open contacts
500 Vrms / 50 Hz
Dielectric strength at altitude 25,000 m, all terminals to ground
350 Vrms / 50 Hz
Initial insulation resistance at 100 Vdc
>1000 M
Ω
Sinusoidal vibration
30 G / 75 to 2000 Hz
Shock
100 G / 11 ms
Maximum contact opening time under vibration and shock
10 µs
Operate time at nominal voltage (including bounce)
4 ms max
Release time
4 ms max
Bounce time
2.5 ms max
Contact resistance at rated current
- initial value
50 m
Ω max
- after life
100 m
Ω max
Date of issue: 3/06
- 22 -
Page 2 of 4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com