Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GP250
Description  RELAY - LATCH 2 PDT, 2 AMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP250 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GP250 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 2Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 3Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 4Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 5Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 6Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 7Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 8Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ENGINEERING DATA SHEET
GP250
RELAY - LATCH
2 PDT, 2 AMP
APPLICATION NOTES:
001
007
Polarized, latching hermetically sealed relay
Contact arrangement
2 PDT
Coil supply
Direct current
Qualified to
SCC3602/010
PRINCIPLE TECHNICAL CHARACTERISTICS
Contacts rated at
2 Amp / 50 Vdc
Weight
11 grams max
Dimensions of case
20.4mm x 10.4mm x 10.2mm
Hermetically sealed, corrosion protected metal can.
CONTACT ELECTRICAL CHARACTERISTICS
Minimum
operating cycles
Contact rating per
pole and load type
Load Current in Amps
@50Vdc
100,000 cycles
100,000 cycles
resistive load
inductive load (L/R=5ms)
2
0.75
100 cycles
resistive overload
4
www.leachintl.com
North America
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622 USA
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
Europe, SA
2 Rue Goethe
57430 Sarralbe
France
Tel: (33) 3 87 97 98 97
Fax: (33) 3 87 97 84 04
Asia-Pacific Ltd.
20/F Shing Hing Commercial Bldg.
21-27 Wing Kut Street
Central, Hong Kong
Tel: (852) 2 191 2886
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Leach International prior to choosing a component.
Date of issue: 3/06
- 21 -
Page 1 of 4


Similar Part No. - GP250

ManufacturerPart #DatasheetDescription
logo
The Bergquist Company
GP2500 BERGQUIST-GP2500 Datasheet
76Kb / 1P
Thermally Conductive, Un-Reinforced Gap Filling Material
12.08
GP2500-0.040-02-0404 BERGQUIST-GP2500-0.040-02-0404 Datasheet
76Kb / 1P
Thermally Conductive, Un-Reinforced Gap Filling Material
12.08
logo
Henkel Korea Limited.
GP2500S20-0.010-02-00 HENKEL-GP2500S20-0.010-02-00 Datasheet
77Kb / 1P
Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.010-02-0816 HENKEL-GP2500S20-0.010-02-0816 Datasheet
77Kb / 1P
Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
GP2500S20-0.015-02-00 HENKEL-GP2500S20-0.015-02-00 Datasheet
77Kb / 1P
Highly Conformable,Thermally Conductive, Reinforced “S-Class” Gap Filling Material
More results

Similar Description - GP250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JL-D4N-300L ETC2-JL-D4N-300L Datasheet
630Kb / 14P
RELAY - LATCH 2 PDT, 12 AMP
J-A4R-300M ETC2-J-A4R-300M Datasheet
873Kb / 10P
RELAY - NONLATCH 2 PDT, 12 AMPS
J-J7N-300L ETC2-J-J7N-300L Datasheet
873Kb / 10P
RELAY - NONLATCH 2 PDT, 12 AMPS
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
RELAY – NONLATCH 2 PDT, 12 AMP
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
RELAY – NONLATCH 2 PDT, 12 AMP
JCL LEACH-JCL Datasheet
686Kb / 5P
RELAY LATCH 1 PDT, 25 AMP
JL-A1A LEACH-JL-A1A Datasheet
665Kb / 5P
RELAY – LATCH 2 PDT, 12 AMP
KL-A1F LEACH-KL-A1F Datasheet
494Kb / 5P
RELAY – LATCH 4 PDT, 12 AMP
ZLD LEACH-ZLD Datasheet
1Mb / 11P
CONTACTOR, MAGNETIC LATCH 3 PDT, 120 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com