Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP250 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GP250
Description  RELAY - LATCH 2 PDT, 2 AMP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GP250 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GP250 Datasheet HTML 1Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 2Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 3Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 4Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 5Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 6Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 7Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 8Page - List of Unclassifed Manufacturers GP250 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MOUNTING STYLES
GP250
Dimensions in mm
Tolerances unless otherwise specified ±0.25 mm
TERMINAL TYPES
Date of issue: 3/06
- 23 -
Page 3 of 4
25.2
27
±0.2
Ø3.5
9.5
7.3
10.5
9.5
DB
DJ
3.2
6.35
10.5
=
±0.1
Ø5.5
=
BC
BJ
=
=
BD
BN
D
BC
BD
BJ
BN
ØM3
ØM3
ØUNC4.40
ØM2.5
D
CONTRASTING
BEAD
20.4 MAX
10.2
MAX
00
10.4
MAX
8
MAX
32.9 MAX
±0.2
27
D
±0.1
±0.1
DB
DJ
0.6
A
B
±0.2
32.9 MAX
8
MAX
27
DQ
3.15
±0.1
Ø3.5
9.5
4 x Ø 2.5
DD
DM
32.9 MAX
±0.2
27
8
MAX
DE
±0.1
0.76
Ø3.5
±0.1
4.9
6.35 ±0.1
0.8
C
C
B
DD
DM
±0.1
3.2
±0.1
3.2
29.8 MAX
33.55
±0.2
±0.25
27±0.1
32.9 MAX
11
MAX
HA
Ø3.2
±0.1
6.4
STUD
TIN PLATED PINS
5.08
5.08
5.4 MAX
E
2.54
Ø0.8
CONTRASTING
BEAD
SOLDER HOOKS
4.8 MAX
Ø0.8
F
Ø1.8
CONTRASTING
BEAD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com