Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8805 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 16Page - STMicroelectronics PM8805 Datasheet HTML 17Page - STMicroelectronics PM8805 Datasheet HTML 18Page - STMicroelectronics PM8805 Datasheet HTML 19Page - STMicroelectronics PM8805 Datasheet HTML 20Page - STMicroelectronics PM8805 Datasheet HTML 21Page - STMicroelectronics PM8805 Datasheet HTML 22Page - STMicroelectronics PM8805 Datasheet HTML 23Page - STMicroelectronics PM8805 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
PM8805 overview
PM8805
20/48
DS12813 Rev 2
Figure 4. DET internal circuitry
4.2
Boot and reset
When the voltage at the input rises above about Voff_det (11.5 V typ.), the PM8805 turns on
its internal circuitries (bandgap reference, bias reference, regulators and control logic) and
enters into the so-called mark range, waiting for the voltage entering into the Classification
range.
When the voltage falls below Vrst_cls (5.2 V typ.), the PM8805 turns off its control logic and
analog circuitries and turns the detection circuitry on again, resetting the results of previous
classifications.
The current consumption when VDD is in the mark range (IDD_mark) acts as a pull-down of
the input voltage and allows a fast reset of the control logic if the cable is disconnected.
4.3
PoE classification
The classification allows the PSE-PD mutual identification, and it is used by PSE to allocate
the power to the PD. The PD also understands which type of PSE is connected, and adapts
its behavior accordingly.
PM8805 complies with both IEEE802.3-2015 1-event and 2-event classification schemes,
and is also capable of multiple event-classification as specified by IEEE802.3bt.
1-event classification in IEEE802.3-2015 is performed by Type1 PSEs capable of powering
PDs up to 12.95 W. They can be classified into 4 classes (class 0 to class 3).
2-event classification is performed by Type2 PSEs and class 4 identifies Type2 PDs
requiring up to 25.5 W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com