Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8805 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 21Page - STMicroelectronics PM8805 Datasheet HTML 22Page - STMicroelectronics PM8805 Datasheet HTML 23Page - STMicroelectronics PM8805 Datasheet HTML 24Page - STMicroelectronics PM8805 Datasheet HTML 25Page - STMicroelectronics PM8805 Datasheet HTML 26Page - STMicroelectronics PM8805 Datasheet HTML 27Page - STMicroelectronics PM8805 Datasheet HTML 28Page - STMicroelectronics PM8805 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
DS12813 Rev 2
25/48
PM8805
PM8805 overview
48
the Rdson. The second circuit is a fast ZCD comparator, with a typical response time of 10
us (Td_ZCD), which is in charge of determining the polarity of the current.
Four ZCD comparators are also present across the low-side MOSFETs of the bridges.
The control logic checks the output of the ZCD comparators to determine which bridge to
turn on/off. Starting from a default all-off condition, each bridge leg is turned on only if both
the ZCD advertises a positive current flowing from PoE to the load, and at the same time the
complementary ZCD comparators report a zero current condition (reverse biased diodes).
Only valid input combinations are considered valid for the bridge activation, i.e the IEEE
standard ModeA (IN12 - IN36) and ModeB (IN45 - IN78) configurations.
For example, if both IN12=48 V and IN45=48 V while IN36=0 V and IN78=hi-Z, only the
high-side MOSFET on IN12 and the low-side MOSFET on IN36 are turned on, while all the
other MOSFETs, including the one connected to the high side of IN45, are kept off. This is
the typical case when a PSE is turning on only one of the two pair-sets, while both share the
same common rail on the high side. This prevents the current flowing on a pair which is not
supposed to supply current.
In case any ZCD comparator reports a zero or reverse current condition, both the high-side
and the low-side MOSFETs of that bridge are instantaneously turned off.
The active bridge ensures a very low unbalance between pairs, since the contribution on the
unbalance is only due to the Rdson mismatch of different bridges. This is generally much
lower than the unbalance due to diode bridges, where the difference in the forward voltage
may cause big differences in the current flowing in the 2-pair sets. Moreover, the MOSFET
channel resistance has an intrinsic ballasting effect on the current, further improving the
overall balancing.
In order to comply with the IEEE802.3bt pair-to-pair current unbalance requirements, the PD
must not exceed Icon_2P_unb for more than 50 ms. A design guideline is provided by the
standard in order to facilitate the compliance at the maximum power levels for each PD
class. It is recommended that the pair with maximum resistance (Rpair_max) does not
exceed the values reported in Table 8.
The contribution to the pair-to-pair unbalance of the PM8805 is Unbal (30% max.) with no
offset voltage contribution, typical of diode bridges. So, it should be straightforward to
achieve the most stringent requirements (75% for class 8), just taking care not to introduce a
large resistance difference between pairs on the application board. Consider that the only
components which may introduce unbalance are the data transformer and the PCB traces,
whose contribution to the unbalance just needs to be lower than 45% (worst case for class
8).
In general, depending on the PD Type and class, the relevant PD electrical parameters are
summarized in Table 9.
Table 8. PD unbalance specification
PD class
Icon_2P_unb (mA)
Rpair_max. (
Ω)
Class 5
550
2.20*Rpair_min+0.125
Class 6
682
2.01*Rpair_min+0.105
Class 7
777
1.80*Rpair_min+0.080
Class 8
925
1.75*Rpair_min+0.080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com