Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM8805 Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM8805
Description  IEEE 802.3bt PoE-PD interface with embedded dual active bridge
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8805 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM8805 Datasheet HTML 22Page - STMicroelectronics PM8805 Datasheet HTML 23Page - STMicroelectronics PM8805 Datasheet HTML 24Page - STMicroelectronics PM8805 Datasheet HTML 25Page - STMicroelectronics PM8805 Datasheet HTML 26Page - STMicroelectronics PM8805 Datasheet HTML 27Page - STMicroelectronics PM8805 Datasheet HTML 28Page - STMicroelectronics PM8805 Datasheet HTML 29Page - STMicroelectronics PM8805 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
PM8805 overview
PM8805
26/48
DS12813 Rev 2
4.7
Hot swap, CTRL and PGD pins
Above UVLO threshold, when the internal charge pump is turned on, an internal current
source is used to charge the output capacitor (e.g. the input capacitor of the DC/DC
converter) in order to control the inrush current.
The internal current source is only active during the charge phase of the output capacitance,
with a 25 mA typ. current when (VOB-VOUT) = 55 V or more, which linearly increases up to
140 mA when the voltage across the hot swap MOSFET falls below 7 V.
Note that the internal current source is not capable of sustaining any extra load applied on
VOUT (such as a PWM controller quiescent current), since its only purpose is the charge of
Cout. The load can be applied only after the complete charge of the output capacitor (i.e.
when PGD signal is asserted).
It is recommended to limit the maximum quiescent current used as a load on VOUT before
PGD assertion to 10 mA (Iload_inrush). The more current used to bias output loads, the
slower the inrush phase is.
A simplified formula for the current is:
Equation 1
A simplified formula for the average current is:
Table 9. PD main parameters table
PD
type
Class
CLS1
sign.
CLS2
sign.
Pin
(W)
Vin min.
(V)
Vin max.
(V)
Iin max.
(mA)
Ppeak
( W )
for 50ms
1
0
0
0
13.0
37.0
57
350
14.4
1
1
1
3.84
42.1
90
5.00
2
2
2
6.49
40.8
160
8.36
3
3
3
13.0
37.0
350
14.4
2
4
4
4
25.5
42.5
600
28.05
3
1
1
1
3.84
42.1
90
5.00
2
2
2
6.49
40.8
160
8.36
3
3
3
13.0
37.0
350
14.4
4
4
4
25.5
42.5
600
28.05
5
4
0
40.0
44.3
900
42
6
4
1
51.0
42.5
1200
53.55
4
7
4
2
62.0
42.9
1440
65.10
8
4
3
71.3
41.2
1730
74.86
I = (25mA-Iload_inrush) + 2.4[mA/V] * [55 - (VOB - VOUT)]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com