Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD257N4F7AG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLD257N4F7AG
Description  Automotive-grade N-channel 40 V, 0.82 m typ., 120 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DSC package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD257N4F7AG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLD257N4F7AG Datasheet HTML 2Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 3Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 4Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 5Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 6Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 7Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 8Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 9Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Figure 7. Capacitance variations
GIPG240420181307CVR
10 4
10 3
10 2
10 1
0
10
20
30
40
C
(pF)
VDS (V)
CISS
COSS
CRSS
f = 1 MHz
Figure 8. Normalized gate threshold voltage vs
temperature
GADG060820180915VTH
1.2
1
0.8
0.6
0.4
0.2
-75
-25
25
75
125
175
VGS(th)
(norm.)
Tj (°C)
ID = 250 µA
Figure 9. Normalized on-resistance vs temperature
GADG060820180915RON
1.8
1.6
1.4
1.2
1.0
0.8
0.6
-75
-25
25
75
125
175
RDS(on)
(norm.)
VGS = 10 V
ID = 60 A
TJ (°C)
Figure 10. Normalized V(BR)DSS vs temperature
GIPG240420181302BDV
1.06
1.04
1.02
1.00
0.98
0.96
0.94
-75
-25
25
75
125
175
V(BR)DSS
(norm.)
ID = 1 mA
Tj (°C)
Figure 11. Source-drain diode forward characteristics
GIPG240420181303SDF
1.0
0.9
0.8
0.7
0.6
0.5
0.4
10
30
50
70
90
VSD
(V)
ISD (A)
Tj = -55 °C
Tj = 25 °C
Tj = 175 °C
STLD257N4F7AG
Electrical characteristics (curves)
DS12565 - Rev 4
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com