Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD257N4F7AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLD257N4F7AG
Description  Automotive-grade N-channel 40 V, 0.82 m typ., 120 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DSC package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD257N4F7AG Datasheet(HTML) 1 Page - STMicroelectronics

  STLD257N4F7AG Datasheet HTML 1Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 2Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 3Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 4Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 5Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 6Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 7Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 8Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AM15540v4
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Features
Order code
VDS
RDS(on) max.
ID
STLD257N4F7AG
40 V
1.1 mΩ
120 A
•
AEC-Q101 qualified
•
Among the lowest RDS(on) on the market
•
Excellent FoM (figure of merit)
•
Low Crss/Ciss ratio for EMI immunity
•
High avalanche ruggedness
•
Wettable flank package
Applications
•
Switching applications
Description
This N-channel Power MOSFET utilizes STripFET™ F7 technology with an
enhanced trench gate structure that results in very low on-state resistance, while also
reducing internal capacitance and gate charge for faster and more efficient switching.
Product status link
STLD257N4F7AG
Product summary
Order code
STLD257N4F7AG
Marking
257
Package
PowerFLAT™ 5x6
dual side cooling
Packing
Tape and reel
Automotive-grade N-channel 40 V, 0.82 mΩ typ., 120 A, STripFET™ F7
Power MOSFET in a PowerFLAT™ 5x6 DSC package
STLD257N4F7AG
Datasheet
DS12565 - Rev 4 - March 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STLD257N4F7AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLD200N4F6AG STMICROELECTRONICS-STLD200N4F6AG Datasheet
702Kb / 12P
Automotive N-channel 40 V, 1.27 mΩ typ., 120 A STripFET™F6 Power MOSFET in a PowerFLAT™5x6 dual side cooling
19-Jan-2016
STLD20CP1 STMICROELECTRONICS-STLD20CP1 Datasheet
298Kb / 19P
Power management for white LED and camera flash
20-Nov-2007
STLD20CP1PQR STMICROELECTRONICS-STLD20CP1PQR Datasheet
298Kb / 19P
Power management for white LED and camera flash
20-Nov-2007
STLD20D STMICROELECTRONICS-STLD20D Datasheet
67Kb / 8P
WHITE LED POWER SUPPLY
12-Oct-2004
STLD20D STMICROELECTRONICS-STLD20D Datasheet
435Kb / 31P
White LED power supply
23-Oct-2006
More results

Similar Description - STLD257N4F7AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
N-channel 40 V, 0.85 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
STL210N4F7AG STMICROELECTRONICS-STL210N4F7AG Datasheet
913Kb / 14P
Automotive-grade N-channel 40 V, 1.3 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
07-Jan-2016
STL225N6F7AG STMICROELECTRONICS-STL225N6F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 60 V, 1.2 m typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
17-Mar-2017
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STL52DN4LF7AG STMICROELECTRONICS-STL52DN4LF7AG Datasheet
1,018Kb / 16P
Automotive-grade dual N-channel 40 V, 9 mΩ typ., 18 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
18-Dec-2017
STL105DN4LF7AG STMICROELECTRONICS-STL105DN4LF7AG Datasheet
965Kb / 16P
Automotive-grade dual N-channel 40 V, 3.5 mΩ typ., 40 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DI
10-Jan-2018
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL200N45LF7 STMICROELECTRONICS-STL200N45LF7 Datasheet
892Kb / 14P
N-channel 45 V, 1.4 mΩ typ., 120 A STripFET ™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
10-Jun-2016
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL285N4F7AG STMICROELECTRONICS-STL285N4F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 40 V, 0.9 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
09-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com