Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD257N4F7AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLD257N4F7AG
Description  Automotive-grade N-channel 40 V, 0.82 m typ., 120 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 DSC package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD257N4F7AG Datasheet(HTML) 3 Page - STMicroelectronics

  STLD257N4F7AG Datasheet HTML 1Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 2Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 3Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 4Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 5Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 6Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 7Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 8Page - STMicroelectronics STLD257N4F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
VGS = 0 V, ID = 1 mA
40
V
IDSS
Zero gate voltage drain
current
VGS = 0 V, VDS = 40 V
1
µA
VGS = 0 V, VDS = 16 V, Tj = 125 °C(1)
300
μA
IGSS
Gate-body leakage current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2.0
4.0
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 60 A
0.82
1.1
mΩ
VGS = 6.5 V, ID = 60 A
3.1
4.8
1. Defined by design, not subject to production test.
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS= 25 V, f = 1 MHz, VGS = 0 V
-
5400
-
pF
Coss
Output capacitance
-
1870
-
pF
Crss
Reverse transfer capacitance
-
45
-
pF
Qg
Total gate charge
VDD = 20 V, ID = 120 A,
VGS = 0 to 10 V
(see Figure 13. Test circuit for gate
charge behavior)
-
66.5
-
nC
Qgs
Gate-source charge
-
33.5
-
nC
Qgd
Gate-drain charge
-
13
-
nC
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 20 V, ID = 60 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 12. Test circuit for
resistive load switching times and
Figure 17. Switching time waveform)
-
28
-
ns
tr
Rise time
-
19
-
ns
td(off)
Turn-off delay time
-
58
-
ns
tf
Fall time
-
32
-
ns
STLD257N4F7AG
Electrical characteristics
DS12565 - Rev 4
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com