Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS8DN6LF6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS8DN6LF6AG
Description  Automotive-grade dual N-channel 60 V, 21 m typ., 8 A STripFET F6 Power MOSFET in a SO-8 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8DN6LF6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STS8DN6LF6AG Datasheet HTML 1Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 2Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 3Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 4Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 5Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 6Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 7Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 8Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SO-8
1
4
5
8
D1(7, 8)
G1(2)
S1(1)
D2(5, 6)
G2(4)
S2(3)
SC12820
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STS8DN6LF6AG
60 V
24 mΩ
8 A
3.2 W
•
AEC-Q101 qualified
•
Very low on-resistance
•
Very low gate charge
•
High avalanche ruggedness
•
Low gate drive power loss
•
Logic level
Applications
•
Switching applications
Description
This device is a dual N-channel Power MOSFET developed using the STripFET F6
technology with a new trench gate structure. The resulting Power MOSFET exhibits
very low RDS(on) in all packages.
Product status link
STS8DN6LF6AG
Product summary
Order code
STS8DN6LF6AG
Marking
8DN6LF6
Package
SO-8
Packing
Tape and reel
Automotive-grade dual N-channel 60 V, 21 mΩ typ., 8 A STripFET F6
Power MOSFET in a SO-8 package
STS8DN6LF6AG
Datasheet
DS11953 - Rev 2 - March 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STS8DN6LF6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS8DN3LLH5 STMICROELECTRONICS-STS8DN3LLH5 Datasheet
775Kb / 12P
Dual N-channel 30 V, 0.0155 廓, 10 A, SO-8 STripFET??V Power MOSFET
12-Jan-2010
logo
SHENZHEN DOINGTER SEMIC...
STS8DN3LLH5 DOINGTER-STS8DN3LLH5 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STS8DN3LLH5 VBSEMI-STS8DN3LLH5 Datasheet
935Kb / 9P
N-Channel 0-V (D-S) MOSFET
logo
STMicroelectronics
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL Datasheet
269Kb / 8P
DUAL N-CHANNEL 30V - 0.017 ohm - 8A SO-8 LOW GATE CHARGE STripFET??II POWER MOSFET
Oct-2002
STS8DNF3LL STMICROELECTRONICS-STS8DNF3LL Datasheet
311Kb / 12P
Dual N-channel 30V - 0.017OHM - 8A SO-8 Low gate charge STripFET TM II Power MOSFET
30-Jan-2007
More results

Similar Description - STS8DN6LF6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD80N6F6 STMICROELECTRONICS-STD80N6F6 Datasheet
676Kb / 15P
Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET™VI DeepGATE™Power MOSFET in a DPAK package
17-Jan-2014
STL8DN6LF6AG STMICROELECTRONICS-STL8DN6LF6AG Datasheet
939Kb / 16P
Automotive-grade dual N-channel 60 V, 21 mΩ typ., 32 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 DI package
20-Jan-2016
STD180N4F6 STMICROELECTRONICS-STD180N4F6 Datasheet
775Kb / 16P
N-channel 40 V, 2.5 mΩ typ., 80 A STripFET™ F6 Power MOSFET in a DPAK package
26-Jul-2016
STD30N6LF6AG STMICROELECTRONICS-STD30N6LF6AG Datasheet
447Kb / 15P
Automotive-grade N-channel 60 V, 19 mΩ typ., 24 A STripFET™F6 Power MOSFET in a DPAK package
30-Jun-2015
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
P-channel 60 V, 0.025 Ω typ., 35 A STripFET™F6 Power MOSFET in a DPAK package
03-Apr-2017
STD45P4LLFAG STMICROELECTRONICS-STD45P4LLFAG Datasheet
603Kb / 16P
Automotive-grade P-channel -40 V, 12 mΩ typ., -50 A STripFET™F6 Power MOSFET in a DPAK package
22-Jul-2015
STL42PLLF6 STMICROELECTRONICS-STL42PLLF6 Datasheet
935Kb / 16P
P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
November 2016 Rev 4
STP90N6F6 STMICROELECTRONICS-STP90N6F6 Datasheet
380Kb / 13P
N-channel 60 V, 0.0057 Ω typ., 90 A STripFET™ F6 Power MOSFET in a TO-220 package
13-Mar-2015
STS10P4LLF6 STMICROELECTRONICS-STS10P4LLF6 Datasheet
740Kb / 14P
P-channel 40 V, 0.0125 Ω typ., 10 A, StripFET™ F6 Power MOSFET in SO-8 package
December 2014 Rev 3
STW265N6F6AG STMICROELECTRONICS-STW265N6F6AG Datasheet
630Kb / 12P
Automotive N-channel 60 V, 2.3 mΩ typ., 180 A STripFET™ F6 Power MOSFET in a TO-247 package
16-Nov-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com